データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LF2A-R100HB

  • AI
    The **LF2A-R100HB** refers to a high-intensity, waterproof LED illumination unit manufactured by **IDEC**. This device is specifically designed for industrial applications such as machine tool interior lighting, food processing equipment, and harsh manufacturing environments. --- ### 1. Key Technical Specifications The following table highlights the primary electronic and mechanical characteristics of the LF2A-R100HB: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100 to 240V AC (50/60 Hz) | | **Power Consumption** | Approx. 14.5W | | **Light Color** | Daylight (approx. 5700K) | | **Luminous Flux** | Approx. 1000 Lumens | | **Protection Rating** | IP67 (Dust-tight and Water immersion) | | **Operating Temp** | -20 to +55°C (no freezing) | | **Connection** | 3-meter integrated cable | --- ### 2. Electronic Component Breakdown The LF2A series integrates several critical electronic sub-systems to ensure longevity and safety: #### A. LED Array * **Surface Mount Technology (SMT):** The unit uses high-efficacy LEDs mounted on a specialized PCB designed for thermal dissipation. * **Color Rendering:** Provides clear visibility (Ra > 70) which is essential for inspection tasks and maintenance inside machinery. #### B. Integrated Power Driver * **Switching Power Supply:** The unit contains an internal AC-to-DC converter that handles a wide range of input voltages (Universal Input). * **Constant Current Regulation:** To prevent flickering and ensure constant brightness regardless of minor voltage fluctuations in industrial grids. #### C. Thermal Management * The internal electronics are protected by an aluminum housing. This acts as a **Heat Sink**, drawing heat away from the LED chips and the driver to prevent thermal degradation and ensure the rated 40,000-hour lifespan. --- ### 3. Safety and Environmental Features * **Reinforced Insulation:** Designed to meet high safety standards for industrial electrical equipment. * **Oil-Resistant Materials:** The outer casing and cable are constructed to resist chemicals and cutting oils common in CNC machining environments. * **Vibration Resistance:** The internal circuit boards are secured to withstand the mechanical shocks and vibrations typical of heavy machinery. ---
    ✨ Follow-up Questions
    • ⤷ What are the mounting options available for the LF2A series?
    • ⤷ How does the IP67 rating protect the internal electronic driver?
    • ⤷ Are there DC-powered versions of this specific LED unit?