データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LFSTBUSB

  • AI
    The **LFSTBUSB** is an interface evaluation board developed by NXP Semiconductors (formerly Freescale). It serves as a bridge between a PC (via USB) and various sensor evaluation boards that use the **I2C** or **SPI** communication protocols. Below is a detailed breakdown of its electronic components and functionality. --- ### 1. Primary Components & Architecture | Component | Part Category | Function | | :--- | :--- | :--- | | **MC9S08JW32** | Microcontroller (MCU) | An 8-bit HCS08 MCU with integrated Full-Speed USB 2.0. It acts as the "brain" translating USB commands to I2C/SPI. | | **USB Type-B Port** | Connector | Provides the communication path and 5V power supply from the host PC. | | **On-board Regulator** | Power Management | Converts 5V USB power to 3.3V or 2.5V required by the sensors. | | **Communication Headers** | Interface Pins | Standardized sockets to plug in sensor "breakout" boards (accelerometers, pressure sensors, etc.). | | **LED Indicators** | Visual Feedback | Typically indicates Power (Red/Green) and Data Transmission status. | --- ### 2. Functional Electronic Sections #### A. USB-to-Serial Conversion The board does not use a dedicated bridge chip (like an FTDI). Instead, the **MC9S08JW32 MCU** runs firmware that handles the USB protocol stack natively. It enumerates on the PC as a HID (Human Interface Device) or a Virtual COM port, allowing software like NXP’s *Sensor Toolbox* to send commands. #### B. The Sensor Interface (I2C/SPI) The LFSTBUSB translates USB packets into specific serial protocols: * **I2C (Inter-Integrated Circuit):** Uses two wires (SDA/SCL) to talk to multiple sensors. * **SPI (Serial Peripheral Interface):** Used for higher-speed data transfer from sensors. #### C. Power Rail Management The board is designed to be "Bus Powered." It includes filtering capacitors to remove noise from the USB power line, ensuring that sensitive analog sensors receive a clean voltage supply. --- ### 3. Usage Context The LFSTBUSB is part of the **Sensor Toolbox** ecosystem. Its primary purpose is to allow engineers to test NXP sensors (like the **MMA8451** accelerometer) without designing a custom PCB or writing low-level driver code initially. --- ### 4. Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V (via USB) | | **Output Voltage** | 3.3V (standard) | | **MCU Flash Memory** | 32 KB | | **Protocol Support** | I2C, SPI, GPIO | | **Compatibility** | Windows-based Sensor Toolbox Software | ---
    ✨ Follow-up Questions
    • ⤷ Which specific NXP sensors are compatible with the LFSTBUSB board?
    • ⤷ How do I update the firmware on the MC9S08JW32 MCU?
    • ⤷ Can this board be used with third-party microcontrollers instead of a PC?