データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LHZ-124-R

  • AI
    The **LHZ-124-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **NCR** or **Song Chuan**. It is widely used in industrial control systems, HVAC, and household appliances for switching power loads. --- ### ## Technical Specifications The following table outlines the primary electronic characteristics of the LHZ-124-R: | Parameter | Specification | | :--- | :--- | | **Coil Voltage** | 24V DC | | **Contact Arrangement** | 1 Form C (SPDT - Single Pole Double Throw) | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) | | **Max Switching Current** | 12A to 16A (depending on load type) | | **Max Switching Voltage** | 250V AC / 30V DC | | **Coil Power Consumption** | Approx. 0.36W to 0.45W (Standard sensitive) | | **Dielectric Strength** | 5,000V AC (between coil and contacts) | | **Mounting Type** | PCB (Through-hole) | --- ### ### Key Internal Components The relay functions through the interaction of several electronic and mechanical parts: 1. **Electromagnetic Coil:** When 24V DC is applied, it creates a magnetic field. In the "R" suffix models, this is often a high-sensitivity coil. 2. **Armature:** A moving lever that is attracted by the coil's magnetic field to switch the contact positions. 3. **Contacts (NO/NC):** * **Normally Open (NO):** Closes when the coil is energized. * **Normally Closed (NC):** Opens when the coil is energized. 4. **Spring Mechanism:** Ensures the armature returns to its original position once power is removed from the coil. --- ### ### Typical Application Circuit When integrating this part into an electronic circuit, it is standard practice to include a protection diode (Flyback diode) to prevent voltage spikes. ```cpp // Example: Driving the LHZ-124-R with a Microcontroller (via Transistor) // +24V Supply --- [Relay Coil] --- [Collector of NPN Transistor] // A diode (1N4007) should be placed across the coil in reverse bias. void triggerRelay() { digitalWrite(RELAY_PIN, HIGH); // Activates transistor to ground the coil } ``` --- ### ### Part Number Breakdown * **LHZ:** Series designation (High capacity miniature power relay). * **1:** Number of poles. * **24:** Coil voltage (24 Volts). * **R:** Specific version indicator (often denoting RoHS compliance or high-sensitivity coil).
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LHZ-124-R?
    • ⤷ Can I use a 12V supply to trigger this 24V relay?
    • ⤷ What is the difference between AgSnO2 and AgNi contact materials in this model?