データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LL10-R10

  • AI
    The **LL10-R10** typically refers to a high-performance **Liquid Level Sensor** (often manufactured by companies like SST Sensing or similar industrial electronics firms). These devices are optical in nature, meaning they do not use floats or moving parts. --- ## 1. Core Electronic Components The LL10-R10 operates on the principle of **Total Internal Reflection (TIR)**. Below are the primary electronic components found inside the sensor housing: | Component | Function | | :--- | :--- | | **Infrared LED** | The light source. It emits infrared light into the sensor tip. | | **Phototransistor** | The detector. It receives the reflected light and converts it into an electrical signal. | | **Schmitt Trigger / IC** | Processes the signal to ensure a clean "High" or "Low" output (prevents jitter). | | **Polysulfone Housing** | Not electronic, but acts as a light pipe (prism) for the optical components. | --- ## 2. Technical Specifications These parts are designed for industrial environments, requiring specific electrical tolerances: * **Supply Voltage (Vs):** Usually 4.5V DC to 15.4V DC. * **Supply Current:** Low power consumption, typically around 15mA. * **Output Type:** Often a "Digital Push-Pull" or "NPN/PNP" open collector. * **Output Current:** Can drive loads up to 100mA (useful for triggering relays or PLCs directly). --- ## 3. Operational Logic The electronics determine the liquid state based on how light travels through the prism: 1. **Air State:** When the tip is dry, the infrared light from the LED reflects internally inside the tip back to the phototransistor. The electronics output a specific voltage level. 2. **Liquid State:** When the tip is submerged, the light escapes into the liquid. The phototransistor detects a loss of light, and the internal circuit flips the output state. --- ## 4. Wiring Diagram Representation The sensor usually features a 3-wire or 4-wire interface. Below is a standard wiring logic: ```yaml Red Wire: V+ (Power Supply) Black Wire: 0V (Ground) Green/Blue: Output (Signal) ``` ### Advantages of these Electronic Parts: * **No Moving Parts:** Reduces mechanical failure. * **Solid State:** Long life and high reliability. * **Compact:** The integrated circuitry allows the entire sensor to fit in a small M12 or 1/2" thread. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an NPN and PNP output in level sensors?
    • ⤷ Can the LL10-R10 be used with corrosive chemicals?
    • ⤷ How do you test the sensor using a multimeter?