データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LLM3225-R15J

  • AI
    The **LLM3225-R15J** is a specific surface-mount electronic component, typically classified as a **Wire-wound Chip Inductor**. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical attributes of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LLM** | Series | High-frequency wire-wound chip inductor series. | | **3225** | Case Size | Dimensions: 3.2mm x 2.5mm (EIA 1210). | | **R15** | Inductance | R15 indicates **0.15 µH** (150 nH). | | **J** | Tolerance | **±5%** tolerance. | --- ### 2. Technical Specifications These are the typical parameters for an inductor in this class: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.15 µH (150 nH) | | **Tolerance** | ±5% | | **DC Resistance (DCR)** | Low (typically < 0.50 Ω) | | **Rated Current** | Usually ranges between 400mA to 700mA (model dependent) | | **Operating Temp** | -40°C to +125°C (standard industrial grade) | | **Package/Case** | 1210 (3225 Metric) | --- ### 3. Key Features * **Wire-wound Construction:** Unlike multilayer inductors, wire-wound types offer a much higher **Q-factor** (Quality factor) and lower DC resistance, making them more efficient for power and RF applications. * **High Self-Resonant Frequency (SRF):** Due to the design, it can operate at high frequencies without becoming capacitive. * **Compact Footprint:** The 3225 size is large enough to handle moderate current while remaining small enough for modern PCB designs. --- ### 4. Common Applications This part is generally found in circuits requiring stable inductance and high efficiency: 1. **RF Circuits:** Matching circuits and resonance circuits in wireless communication devices. 2. **Filter Circuits:** Used in Low-Pass or High-Pass filters to eliminate noise in signal lines. 3. **Power Management:** Decoupling or smoothing in DC-DC converters for small electronic modules. 4. **Consumer Electronics:** Mobile phones, tablets, and IoT devices. --- ### 5. Alternative Identification Manufacturers like **Murata**, **TDK**, or **Taiyo Yuden** may have similar numbering schemes. If the part is specifically from the *Taiyo Yuden LLM series*, it is often noted for its low profile and high reliability in high-density mounting.
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ How do I calculate the self-resonant frequency for this part?
    • ⤷ Can I substitute a 1210 size inductor with a 0805 if the inductance is the same?