データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LLM3225-R56J

  • AI
    The **LLM3225-R56J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in signal processing and power management for high-frequency telecommunications and consumer electronics. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Part Number Deciphering To understand the part, we can break down the alphanumeric code: | Segment | Meaning | Value | | :--- | :--- | :--- | | **LLM** | Series Code | Low-loss multilayer or wire-wound series | | **3225** | Case Size (Metric) | 3.2mm x 2.5mm (EIA 1210) | | **R56** | Inductance Value | 0.56 µH (microhenries) | | **J** | Tolerance | ±5% | --- ### 2. Key Technical Specifications Based on standard industry data for this part class: * **Inductance:** 560 nH (0.56 µH) * **Tolerance:** ±5% (Standard for signal inductors) * **Operating Temperature:** Generally -40°C to +125°C * **Core Material:** Ceramic or Ferrite (depending on specific manufacturer variant, usually ferrite for R56 values to maintain higher Q). * **Self-Resonant Frequency (SRF):** Typically high, allowing the component to function effectively in the MHz range. --- ### 3. Electrical Performance Characteristics #### A. High Q-Factor The wire-wound construction allows for a high **Quality Factor (Q)**. This means the inductor has very low internal resistance relative to its inductance, resulting in minimal signal loss and sharper resonance peaks in filter circuits. #### B. Direct Current Resistance (DCR) Because it is a 3225 size inductor, it typically features a low DCR. This minimizes heat generation and voltage drops when DC current passes through the component. #### C. Rated Current The rated current (maximum current the part can handle without overheating or saturating) for an R56J inductor of this size is usually between **300mA and 600mA**, depending on the specific brand (e.g., Murata, TDK, or Taiyo Yuden). --- ### 4. Common Applications * **RF Matching:** Used in impedance matching circuits for antennas. * **Signal Filtering:** Low-pass or high-pass filters in wireless communication modules (Bluetooth, Wi-Fi). * **DC/DC Converters:** Small power conversion stages in mobile devices. * **EMI Suppression:** Reducing high-frequency noise in sensitive signal lines. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacements for the LLM3225 series from other manufacturers?
    • ⤷ How does the wire-wound construction differ from multilayer inductors in terms of performance?
    • ⤷ What is the maximum self-resonant frequency for a 0.56µH inductor?