データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM-06-R

  • AI
    The **LM-06-R** is typically identified as a **Miniature Reed Switch** or a specific **Passive Infrared (PIR) Sensor Module** component, depending on the manufacturer (most commonly associated with proximity sensing and security systems). Below is a breakdown of the electronic characteristics and specifications generally associated with this part. --- ### 1. General Specifications The LM-06-R is primarily designed for low-power signal switching or proximity detection. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Magnetic Reed Switch / Proximity Sensor | | **Contact Form** | Form A (Normally Open - NO) | | **Max Switching Voltage** | 100V DC / 125V AC | | **Max Switching Current** | 0.5 A | | **Contact Resistance** | < 100 mΩ | | **Operating Temperature** | -20°C to +85°C | --- ### 2. Key Electronic Parts & Construction The device consists of several critical internal elements that allow it to function as a non-contact switch: * **Rhadium/Ruthenium Plated Blades:** The internal "reeds" are made of ferromagnetic materials coated with precious metals to prevent oxidation and ensure low contact resistance. * **Glass Encapsulation:** The internal parts are hermetically sealed in a glass tube filled with inert gas (usually Nitrogen) to prevent sparking and corrosion. * **Lead Wires:** Tinned copper or nickel-iron wires that provide the electrical connection to the PCB. --- ### 3. Operating Principle The LM-06-R operates based on **Magnetic Induction**: 1. **Rest State:** In the absence of a magnetic field, the two internal reeds are separated, and the circuit is **Open**. 2. **Activation:** When a permanent magnet or an energized solenoid comes within the "Pull-In" range, the reeds become oppositely polarized. 3. **Connection:** The magnetic attraction pulls the reeds together, closing the circuit and allowing current to flow. --- ### 4. Typical Applications Because of its small footprint and reliability, the LM-06-R is used in: * **Security Systems:** Door and window open/close sensors. * **Telecommunications:** Hook switches in handsets. * **Industrial Automation:** Limit switching and position sensing for pneumatic cylinders. * **Medical Devices:** Non-contact activation in sterile environments. --- ### 5. Implementation Example (Arduino/Microcontroller) To use the LM-06-R with a microcontroller, a **pull-up resistor** is required to prevent a floating input. ```cpp // Simple Reed Switch Wiring const int reedPin = 2; // Connected to LM-06-R const int ledPin = 13; void setup() { pinMode(reedPin, INPUT_PULLUP); // Use internal pull-up pinMode(ledPin, OUTPUT); } void loop() { int state = digitalRead(reedPin); if (state == LOW) { // Magnet is present digitalWrite(ledPin, HIGH); } else { digitalWrite(ledPin, LOW); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum 'Pull-In' distance for the LM-06-R sensor?
    • ⤷ Can the LM-06-R be used to switch high-power AC loads directly?
    • ⤷ How does the LM-06-R compare to a Hall Effect sensor in terms of power consumption?