データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM-5W6-R

  • AI
    The **LM-5W6-R** is a specific electronic component typically categorized as a **Wirewound Power Resistor**. These components are designed to dissipate heat while maintaining a stable resistance value in high-power circuits. --- ### 1. Component Specifications The nomenclature "LM-5W6-R" usually follows a standardized coding system for resistors. Below is a breakdown of its technical attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Wirewound | Constructed by winding a metal wire around a ceramic core. | | **Power Rating** | 5 Watts | The maximum power the resistor can dissipate safely. | | **Resistance Value** | 6 Ohms (6R) | The nominal electrical resistance. | | **Tolerance** | Usually ±5% (J) | The allowable deviation from the nominal resistance. | | **Mounting Style** | Through-hole | Designed to be soldered into holes on a PCB. | --- ### 2. Physical Construction The LM series often features a **Ceramic Encased (Cement)** design. This construction provides several benefits: * **Insulation:** The ceramic outer shell ensures high insulation resistance. * **Heat Resistance:** They are highly flameproof and resistant to moisture. * **Stability:** Wirewound elements offer better temperature coefficients compared to carbon film resistors, meaning the resistance stays steady even as it gets hot. --- ### 3. Common Applications Due to its 5W power rating, this resistor is used in "heavy-duty" electronic scenarios: 1. **Current Limiting:** Protecting LEDs or motors from excessive current. 2. **Voltage Dividers:** In power supply circuits to drop voltage levels. 3. **Snubber Circuits:** Used in switching power supplies to suppress voltage spikes. 4. **Audio Equipment:** Frequently used in speaker crossover networks. --- ### 4. Comparison with Standard Resistors ```markdown Comparison: 1/4W Carbon Film vs. 5W Wirewound (LM-5W6-R) - Size: 5W is significantly larger (approx 22mm x 10mm). - Heat: 5W can handle 20x more power without burning. - Inductance: Wirewound resistors have slight parasitic inductance, making them less ideal for very high-frequency RF applications. ```
    ✨ Follow-up Questions
    • ⤷ What are the dimensions of a standard 5W ceramic resistor?
    • ⤷ Can I substitute a 5W 6-ohm resistor with a 10W 6-ohm resistor?
    • ⤷ How do I calculate the heat dissipation of this resistor in a 12V circuit?