データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM-DD-R

  • AI
    The **LM-DD-R** (typically referring to the **Line Magnetic DD-R series** or high-end Direct Drive components used in audio engineering) refers to a sophisticated integration of power management, signal amplification, and motor control. Below is a breakdown of the electronic parts and their functions within such a system. --- ## 1. Core Electronic Components The architecture of these units is generally divided into three main stages: Power Supply, Control Logic, and Signal Output. | Component Type | Specific Parts | Primary Function | | :--- | :--- | :--- | | **Power Stage** | Toroidal Transformer, Bridge Rectifiers | Converts AC wall power to stable DC voltages for internal circuits. | | **Regulation** | Voltage Regulator ICs (78xx/79xx series) | Ensures constant voltage regardless of fluctuations in the input load. | | **Amplification** | Vacuum Tubes or Discrete Transistors | Handles the gain stage of the audio signal to maintain high fidelity. | | **Control Logic** | Microcontroller (MCU), Quartz Oscillator | Manages timing, direct-drive motor speed, and user interface commands. | | **Passive Parts** | Audiophile-grade Capacitors, Metal Film Resistors | Filters noise and sets the operational parameters of the circuit. | --- ## 2. Technical Specifications & Operation ### Motor Drive System (Direct Drive) In "DD" (Direct Drive) models, the electronic circuitry must manage torque and speed without mechanical belts. * **Phase-Locked Loop (PLL):** Uses a quartz crystal to compare the motor's actual speed against a reference frequency, adjusting the current instantly to correct deviations. * **Driver ICs:** High-current integrated circuits that pulse the electromagnetic coils in the motor base. ### Audio Signal Path If the device is part of a "Line Magnetic" (LM) series, it often features: * **Point-to-Point Wiring:** Minimizes signal interference and capacitance compared to standard PCBs. * **Coupling Capacitors:** Used to block DC voltage between stages while allowing the AC audio signal to pass through cleanly. --- ## 3. Component Maintenance & Identification When repairing or identifying parts on the board, look for these specific markings: ```yaml Power_Input: - Part: IEC Socket with Integrated Fuse - Protection: Metal Oxide Varistors (MOV) for surge protection Control_Board: - Logic: 8-bit or 32-bit MCU - Feedback: Optical or Magnetic Hall Effect sensors Output_Stage: - Connectors: Gold-plated RCA or XLR terminals - Grounding: Star-ground configuration to prevent hum ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the direct drive motor control differ from a belt-drive electronic setup?
    • ⤷ What are the common failure points in the LM-DD-R power supply stage?
    • ⤷ Can you provide a wiring diagram for the vacuum tube stage in this model?