データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM-E1-R

  • AI
    The **LM-E1-R** refers to a specific series of high-performance linear motors, typically manufactured by **Mitsubishi Electric**. These parts are designed for high-precision motion control applications where traditional rotary motors and ball screws are insufficient. --- ### 1. Component Overview The LM-E1-R is a **Linear Core Motor** (Iron-core type). It consists of two primary electronic and mechanical parts that interact to create motion. | Component | Part Name | Description | | :--- | :--- | :--- | | **Primary Side** | Motor Coil (Mover) | The part containing the copper windings. It is usually the moving part. | | **Secondary Side** | Magnet Plate (Stator) | A stationary track lined with permanent magnets (high-energy neodymium). | | **Feedback System** | Linear Encoder | A sensor that tracks the exact position and sends data back to the servo drive. | --- ### 2. Key Electronic Specifications The "E" in the series name often denotes specific electrical characteristics related to efficiency and voltage handling. * **Rated Force:** Varies by size, but the E1 series is optimized for high continuous force. * **Voltage Compatibility:** Typically designed for 200V-400V AC servo amplifier systems. * **Thermal Protection:** Includes built-in thermistors (PTC or NTC) to monitor winding temperature and prevent burnout during high-load cycles. * **Insulation Class:** Class F (up to 155°C) is standard for these industrial coils. --- ### 3. Connection and Wiring To operate an LM-E1-R, three distinct electronic connections are required: 1. **Power Cable:** Supplies 3-phase power (U, V, W) to the motor coils. 2. **Encoder Cable:** Connects the linear scale to the Servo Amplifier to provide position feedback. 3. **Hall Sensor Cable:** Used for initial commutation (determining the position of the magnets relative to the coils) upon power-up. --- ### 4. Technical Advantages * **No Backlash:** Because there are no gears or screws, there is no mechanical play. * **High Acceleration:** Capable of reaching speeds over 2m/s almost instantaneously. * **Long Stroke:** You can daisy-chain the Secondary Side (Magnet Plates) to create an infinitely long travel path. --- ### 5. Application Examples * **Semiconductor Manufacturing:** Wafer handling and lithography. * **PCB Drilling:** High-speed, repetitive positioning. * **Laser Cutting:** Maintaining high precision over long distances.
    ✨ Follow-up Questions
    • ⤷What are the specific wiring requirements for the LM-E1-R hall sensors?
    • ⤷ How does the LM-E1-R compare to the LM-H3 series in terms of force density?
    • ⤷ Which Mitsubishi Servo Amplifiers are compatible with the LM-E1-R?