データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM-E6-R

  • AI
    The **LM-E6-R** is a specific model of a **Rotary Encoder**, commonly used in industrial automation, lift systems (elevators), and precise motion control applications. It belongs to the incremental encoder family, designed to convert rotational displacement into electrical signals. --- ## 1. Technical Specifications The "LM-E6-R" usually refers to an incremental rotary encoder with specific mechanical and electrical characteristics. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Output Phase** | A, B, Z (and their inverses: $\bar{A}$, $\bar{B}$, $\bar{Z}$) | | **Input Voltage** | DC 5V or DC 12-24V | | **Output Type** | Push-Pull or Line Driver (RS422) | | **Resolution** | Usually ranges from 100 to 5000 PPR (Pulses Per Revolution) | | **Shaft Diameter** | Solid shaft (typically 6mm or 8mm) | --- ## 2. Core Electronic Components The internal electronics of the LM-E6-R consist of three primary stages: ### A. Optical Scanning Unit This is the "heart" of the encoder. * **LED Light Source:** Emits infrared light. * **Code Disc:** A glass or plastic disc with transparent and opaque radial lines. * **Photo-detector Array:** Receives the light pulses as the disc rotates, converting light into low-level analog electrical currents. ### B. Signal Processing (IC) * **Comparator/Schmitt Trigger:** Converts the weak analog signals from the photodetectors into clean, square-wave digital pulses. * **Direction Logic:** Offsets the Phase A and Phase B signals by 90° (Quadrature). This allows the controller to determine the direction of rotation (CW vs. CCW). ### C. Output Driver Stage This is the interface that connects to your PLC or Microcontroller. * **Line Driver (RS422):** Used for long-distance transmission; it provides differential signals to cancel out electromagnetic interference (EMI). * **Protection Circuitry:** Often includes Reverse Polarity Protection and Overvoltage Protection to prevent damage during wiring. --- ## 3. Typical Wiring Pinout Standard configurations for these encoders often follow this color/function scheme: | Wire Color | Signal | Description | | :--- | :--- | :--- | | **Brown** | Vcc | Positive Power Supply | | **Blue** | 0V (GND) | Ground/Common | | **Black** | Phase A | Pulse output for position/speed | | **White** | Phase B | Pulse output (90° offset from A) | | **Orange** | Phase Z | Index pulse (once per revolution) | | **Shield** | PE | Grounding for noise reduction | --- ## 4. Common Applications 1. **Elevator Speed Control:** Providing feedback to the inverter to ensure smooth floor leveling. 2. **CNC Machinery:** Precise positioning of the X, Y, and Z axes. 3. **Conveyor Systems:** Synchronizing the speed of multiple belts.
    ✨ Follow-up Questions
    • ⤷ How do I determine if my LM-E6-R uses a Line Driver or Push-Pull output?
    • ⤷ What is the maximum frequency response for this encoder series?
    • ⤷ How can I test the A and B phases using a multimeter or oscilloscope?