データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM26CIM5X-RPA

  • AI
    ## Overview of the LM26CIM5X-RPA The **LM26CIM5X-RPA** is a precision, single-chip, factory-programmed **thermostat** (temperature switch) manufactured by Texas Instruments. It is designed to simplify thermal management by providing a digital output that triggers when a specific temperature threshold is reached. --- ### 1. Key Technical Specifications The "RPA" suffix indicates a specific factory-programmed trip point and hysteresis configuration. | Parameter | Value / Description | | :--- | :--- | | **Function** | Factory-preset Thermostat | | **Trip Temperature** | Fixed (Varies by sub-model, "RPA" indicates a specific setpoint) | | **Output Type** | Open-Drain (Active Low) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Operating Current** | 16 µA (Typical) | | **Accuracy** | ±3°C (Maximum) | | **Package** | SOT-23-5 (Small Outline Transistor) | | **Hysteresis** | Typically 2°C or 10°C (depending on variant) | --- ### 2. Functional Pins The LM26 series uses a simple 5-pin layout to minimize PCB footprint. | Pin Number | Name | Function | | :--- | :---: | :--- | | 1 | **HYST** | Hysteresis control input (high or low sets the range) | | 2 | **GND** | Ground | | 3 | **T_OUT** | The main thermostat output (Active Low) | | 4 | **V+** | Power supply input | | 5 | **US_OUT** | Complementary output (Active High) | --- ### 3. Electronic Features & Operation #### Internal Reference The device contains an internal voltage reference and a temperature-dependent voltage source. When the internal voltage (proportional to temperature) crosses the factory-set threshold, the output state changes. #### Open-Drain Output The **T_OUT** pin is an open-drain output. This means it acts like a switch to ground. To interface with a microcontroller or a fan controller, a **pull-up resistor** is required to connect T_OUT to the supply voltage. #### Hysteresis Control To prevent "chatter" (the output toggling rapidly when the temperature is exactly at the threshold), the device includes hysteresis. By tying the **HYST** pin to $V+$ or $GND$, the user can choose between two predefined temperature offsets. #### Low Power Consumption With a typical current draw of only **16 µA**, this part is ideal for battery-powered applications where thermal monitoring is required without draining the source. --- ### 4. Typical Applications * **Microprocessor Overheating Protection:** Automatically shutting down a system or triggering a cooling fan. * **Battery Management Systems (BMS):** Monitoring cell temperature during charging. * **Industrial Controls:** Simple over-temperature alarms. * **Power Supplies:** Thermal shutdown for high-current DC-DC converters. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific trip temperature for the 'RPA' variant of the LM26?
    • ⤷ How do I calculate the required pull-up resistor value for the T_OUT pin?
    • ⤷ Can the LM26 be used to control a fan directly without a microcontroller?