データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM2931D-R

  • AI
    ### LM2931D-R: Overview and Technical Details The **LM2931D-R** is a low-dropout (LDO) positive voltage regulator specifically designed to maintain a stable output voltage even when the input voltage is very close to the output. It is widely recognized for its robustness in automotive and industrial environments. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | Up to 26V (Operational), 60V (Transient) | | **Output Voltage** | Fixed (typically 5V) or Adjustable (depending on variant) | | **Dropout Voltage** | < 0.6V at 100mA | | **Output Current** | 100 mA | | **Package Type** | SO-8 (Surface Mount) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Parts & Features #### A. Low Dropout Regulator (LDO) Circuitry Unlike standard regulators (like the 7805) which require ~2V of "headroom," the LM2931D-R uses a PNP pass transistor. This allows it to function with a difference of less than 0.6V between the input and output, making it ideal for battery-powered systems where voltage drops over time. #### B. Protection Mechanisms The "D-R" suffix versions are built to survive harsh electrical conditions: * **Reverse Battery Protection:** Protects the internal circuitry if the power supply leads are accidentally swapped. * **Transient Protection:** Can withstand load dump transients (up to 60V), such as when a car battery is disconnected while the alternator is running. * **Short Circuit & Thermal Overload:** Automatically shuts down if the chip gets too hot or if the output is shorted to ground. #### C. The "D-R" Suffix Meaning * **D:** Denotes the **SO-8** surface mount package. * **R:** Usually indicates **Tape and Reel** packaging for automated assembly lines. --- ### 3. Typical Application Circuit To ensure stability, LDOs require external capacitors. Below is a standard configuration: ```c Input (6V - 26V) ----[Cin]----( IN )-------( OUT )----[Cout]---- Output (5V) | | (GND) (GND) * Cin: 0.1μF (Ceramic) to filter high-frequency noise. * Cout: 100μF (Electrolytic) essential for regulator stability. ``` --- ### 4. Common Use Cases 1. **Automotive Electronics:** Powering sensors and microcontrollers directly from the car battery. 2. **Industrial Controls:** Systems requiring protection against high-voltage spikes. 3. **Battery Powered Tools:** Maximizing battery life by operating at low voltage differentials.
    ✨ Follow-up Questions
    • ⤷ What is the minimum output capacitance required for LM2931D-R stability?
    • ⤷ How does the LM2931 differ from the standard LM7805 regulator?
    • ⤷ Can this regulator handle a 60V spike for a prolonged duration?