データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM317-TQ2-R

  • AI
    --- ## Overview of LM317-TQ2-R The **LM317-TQ2-R** is a versatile, adjustable three-terminal positive voltage regulator. It is capable of supplying more than 1.5A over an output voltage range of 1.25V to 37V. The "TQ2" suffix typically refers to the physical package style (often TO-263 or D2PAK), and "R" generally indicates the packaging format (Tape & Reel). --- ### Key Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage Range** | 1.25V to 37V | | **Output Current** | > 1.5A | | **Reference Voltage** | 1.25V (typical) | | **Input-Output Differential** | 40V (maximum) | | **Operating Temperature** | 0°C to 125°C | | **Package Type** | TO-263 (D2PAK) | --- ### Pin Configuration The LM317-TQ2-R has three primary pins. Note that in the SMT (Surface Mount) package, the tab is also electrically connected to the Output. 1. **ADJ (Adjust):** Used to set the output voltage via a resistor divider. 2. **Vout (Output):** The regulated output voltage. 3. **Vin (Input):** The unregulated input voltage. --- ### Internal Functional Blocks The device is not just a simple variable resistor; it contains complex internal circuitry to ensure stability and safety: * **Error Amplifier:** Compares the output voltage (via the ADJ pin) to the internal 1.25V reference. * **Protection Circuitry:** * *Safe Operating Area (SOA) Protection:* Limits internal power dissipation. * *Thermal Overload Protection:* Shuts down the device if it gets too hot. * *Short-Circuit Current Limiting:* Prevents damage if the output is shorted to ground. --- ### Basic Application Circuit To set the output voltage, two external resistors ($R_1$ and $R_2$) are required. $R_1$ is usually placed between Vout and ADJ, and $R_2$ between ADJ and Ground. **Voltage Formula:** $$V_{out} = 1.25V \times \left( 1 + \frac{R_2}{R_1} \right) + (I_{ADJ} \times R_2)$$ *Note: $I_{ADJ}$ is very small (~50µA) and is often ignored in basic calculations.* ```c // Example Resistance Selection for 5V Output: // R1 = 240 Ohms // R2 = 720 Ohms // Vout = 1.25 * (1 + 720/240) = 5.0V ``` --- ### Usage Considerations * **Heat Dissipation:** Since this is a linear regulator, excess voltage ($V_{in} - V_{out}$) is dissipated as heat. In the TO-263 package, ensure the PCB copper pour is large enough to act as a heat sink. * **Capacitors:** * An input capacitor (0.1µF ceramic) is recommended if the device is far from the power supply filter. * An output capacitor (1µF tantalum or 25µF electrolytic) improves transient response and stability.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the required heat sink area for the LM317-TQ2-R in a 1.5A application?
    • ⤷ What are the advantages of using the TO-263 package over the traditional TO-220?
    • ⤷ Can the LM317 be used as a constant current source instead of a voltage regulator?