データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM393DG

  • AI
    The **LM393DG** is a widely used, low-power, dual-voltage comparator integrated circuit (IC). It is designed to operate from a single power supply across a wide range of voltages. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.0V to 36V | | **Supply Voltage (Dual)** | ±1.0V to ±18V | | **Output Type** | Open Collector | | **Response Time** | 1.3 μs (typical) | | **Package Type** | SOIC-8 (The 'D' in DG refers to SOIC, 'G' refers to Green/Pb-free) | | **Input Offset Voltage** | 5.0 mV (max) | --- ### 2. Internal Architecture & Pinout The LM393DG consists of two independent precision voltage comparators. #### Pin Configuration (SOIC-8) 1. **OUTPUT A:** Output of the first comparator. 2. **INPUT A (-):** Inverting input of the first comparator. 3. **INPUT A (+):** Non-inverting input of the first comparator. 4. **GND:** Ground (or negative supply). 5. **INPUT B (+):** Non-inverting input of the second comparator. 6. **INPUT B (-):** Inverting input of the second comparator. 7. **OUTPUT B:** Output of the second comparator. 8. **Vcc:** Positive supply voltage. --- ### 3. Core Features & Functional Behavior #### Open Collector Output The output stage of the LM393DG is an **Open Collector**. This is a critical electronic characteristic: * It requires an external **pull-up resistor** to function correctly. * This allows the output to interface with various logic levels (e.g., interfacing a 12V comparator circuit with a 5V microcontroller) by connecting the pull-up resistor to the desired logic voltage. #### Differential Input Voltage Range The IC is designed to handle a differential input voltage equal to the power supply voltage. Even when operating from a single supply, the input common-mode voltage range includes ground. --- ### 4. Typical Applications Because of its versatility, the LM393DG is found in many common electronic circuits: * **Zero-Crossing Detectors:** Detecting when an AC signal passes through 0V. * **Level Translators:** Converting signals between different voltage domains. * **Limit Comparators:** Monitoring if a sensor voltage stays within a specific "window." * **Oscillators:** Creating square wave generators when used with RC networks. --- ### 5. Implementation Example Below is a simple Python-like pseudocode representation of how the LM393 logic works in a physical circuit: ```python # Conceptual logic of an LM393 comparator def lm393_logic(v_plus, v_minus, v_pullup): if v_plus > v_minus: # Open collector is "OFF", output pulled high by resistor return v_pullup else: # Internal transistor is "ON", output connected to GND return 0.0 ```
    ✨ Follow-up Questions
    • ⤷ Why is a pull-up resistor required for the LM393DG?
    • ⤷ What is the difference between a voltage comparator and an operational amplifier?
    • ⤷ Can the LM393DG be used with a split power supply (+/- 15V)?