データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM393DG4

  • AI
    ## LM393DG4: Dual Differential Comparator The **LM393DG4** is a high-precision, dual-channel differential comparator integrated circuit (IC). It is part of the widely used LM393 family, designed to operate from a single power supply over a wide range of voltages. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.0V to 36V | | **Supply Voltage (Dual)** | ±1.0V to ±18V | | **Output Type** | Open Collector | | **Response Time** | 1.3 µs (Typical) | | **Low Input Bias Current** | 25 nA | | **Package Type** | SOIC-8 (G4 suffix indicates Green/Lead-free) | --- ### 2. Core Features and Operation #### Differential Input The device compares two input voltages (Inverting and Non-Inverting). If the voltage at the non-inverting (+) input is higher than the inverting (-) input, the output transistor turns off. #### Open Collector Output Unlike standard Op-Amps, the LM393 has an **open-collector output**. * This means it requires an external **pull-up resistor** to function. * This feature allows the output to interface with various logic levels (TTL, CMOS, DTL) regardless of the IC's supply voltage. * Multiple outputs can be tied together to create a "Wired-AND" logic configuration. #### Low Power Consumption The LM393 is optimized for battery-operated devices, maintaining a low quiescent current (typically 0.4 mA) regardless of the supply voltage. --- ### 3. Pin Configuration (SOIC-8) | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | OUT A | Output of Comparator A | | 2 | IN A (-) | Inverting Input of Comparator A | | 3 | IN A (+) | Non-Inverting Input of Comparator A | | 4 | GND | Ground / Negative Supply | | 5 | IN B (+) | Non-Inverting Input of Comparator B | | 6 | IN B (-) | Inverting Input of Comparator B | | 7 | OUT B | Output of Comparator B | | 8 | Vcc | Positive Supply Voltage | --- ### 4. Common Applications * **Zero Crossing Detectors:** Used to detect when an AC signal passes through 0V. * **Level Shifters:** Converting a high-voltage signal to a low-voltage logic signal. * **Square Wave Oscillators:** Generating clock pulses. * **Battery Monitors:** Comparing battery voltage against a fixed reference to trigger "Low Battery" alerts. --- ### 5. What does the "DG4" suffix mean? In Texas Instruments nomenclature: * **D**: Refers to the SOIC (Small Outline Integrated Circuit) package. * **G4**: "Green" version. It signifies that the component is lead-free and free of Bromine/Antimony-based flame retardants, fully complying with RoHS standards.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the value for the pull-up resistor for the LM393?
    • ⤷ Can the LM393 be used as an Operational Amplifier?
    • ⤷ What is the difference between the LM393 and the LM339?