データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM393DGK

  • AI
    The **LM393DGK** is a widely used, low-power, dual-voltage comparator integrated circuit. The "DGK" suffix specifically refers to the **VSSOP-8** (also known as MSOP-8) package, which is a small-outline surface-mount package. --- ### ## Technical Specifications The LM393 series is designed to operate from a single power supply over a wide range of voltages. | Feature | Specification | | :--- | :--- | | **Number of Comparators** | 2 (Dual) | | **Supply Voltage (Single)** | 2V to 36V | | **Supply Voltage (Dual)** | ±1V to ±18V | | **Supply Current** | 0.4 mA (Typical) | | **Output Type** | Open Collector | | **Response Time** | 1.3 μs | | **Package Type** | VSSOP-8 (MSOP-8) | --- ### ### Internal Architecture and Pinout The LM393DGK consists of two independent precision voltage comparators. Because it has an **Open Collector** output, it requires an external pull-up resistor to define the "High" logic level voltage. #### **Pin Configuration (8-Pin VSSOP)** 1. **OUT A**: Output of the first comparator. 2. **IN A-**: Inverting input of the first comparator. 3. **IN A+**: Non-inverting input of the first comparator. 4. **GND**: Ground (or negative supply). 5. **IN B+**: Non-inverting input of the second comparator. 6. **IN B-**: Inverting input of the second comparator. 7. **OUT B**: Output of the second comparator. 8. **VCC**: Positive supply voltage. --- ### ### Key Characteristics * **Common-Mode Input Range:** Includes ground, allowing direct sensing near 0V even when operating from a single supply. * **Open Collector Output:** This allows the device to interface with various logic families (TTL, CMOS, etc.) by connecting the pull-up resistor to the desired logic voltage level. * **Low Power Consumption:** Ideal for battery-powered or portable electronics. --- ### ### Common Applications The LM393DGK is versatile and found in numerous electronic circuits: 1. **Level Detectors:** Comparing a sensor voltage against a fixed reference. 2. **Zero-Crossing Detectors:** Identifying when an AC signal crosses the 0V threshold. 3. **Square Wave Oscillators:** Used in simple clock generation circuits. 4. **Battery Monitors:** Triggering an LED or signal when battery voltage drops below a limit. --- ### ### Basic Implementation Code (Conceptual) If you are using the LM393 to interface with a microcontroller like an Arduino, the logic is usually treated as a digital input: ```cpp const int comparatorPin = 2; // Connected to LM393 Output void setup() { pinMode(comparatorPin, INPUT_PULLUP); // Use internal pull-up if external is missing Serial.begin(9600); } void loop() { int state = digitalRead(comparatorPin); if (state == LOW) { Serial.println("Threshold Reached!"); } delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the purpose of the open-collector output in the LM393?
    • ⤷ How does the DGK package compare to the standard SOIC-8 package in size?
    • ⤷ Can the LM393 be used as an operational amplifier?