データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LM393DGKRG4

  • AI
    ## LM393DGKRG4 Electronic Component Overview The **LM393DGKRG4** is a widely used, low-power, dual-voltage comparator integrated circuit (IC) manufactured by Texas Instruments. It is designed to operate from a single power supply over a wide range of voltages. ### Technical Specifications The following table summarizes the key electrical characteristics of the LM393DGKRG4: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Comparator) | | **Supply Voltage (Single)** | 2V to 36V | | **Supply Voltage (Dual)** | ±1.0V to ±18V | | **Output Type** | Open Collector | | **Response Time** | 1.3 µs | | **Package Type** | VSSOP-8 (DGK) | | **Operating Temperature** | 0°C to 70°C | | **Quiescent Current** | 0.4 mA (Low Power) | --- ### Key Internal Components and Functions The LM393DGKRG4 consists of two independent precision voltage comparators. Below are the primary internal parts and their roles: 1. **Differential Input Stage**: * Composed of PNP transistors. * Allows for a common-mode input voltage range that includes ground (0V), even when operating from a single supply. 2. **Open-Collector Output**: * Unlike many ICs, it does not have an internal pull-up resistor. * **Function**: Requires an external pull-up resistor to the desired voltage level (Vcc). This allows the output to interface with different logic levels (e.g., 3.3V, 5V, 15V) regardless of the IC's supply voltage. 3. **Current Source/Sink**: * The output transistor can sink up to 16mA. This is sufficient to drive small relays, LEDs, or logic gates. --- ### Application Circuit Example Because it is an **Open-Collector** device, a typical circuit configuration looks like this: ```python # Simple Voltage Threshold Circuit # Vcc ---- [Pull-up Resistor] ----+---- Output # | # [Pin 7/1] # # Non-Inverting (+) Input: Reference Voltage (Vref) # Inverting (-) Input: Input Sensor Signal (Vin) # # If Vin > Vref: Output transistor is OFF -> Output is HIGH (Vcc) # If Vin < Vref: Output transistor is ON -> Output is LOW (GND) ``` --- ### Common Use Cases * **Zero-Crossing Detectors**: Identifying when an AC signal crosses 0V. * **Level Shifters**: Converting signals from high voltage to low voltage logic. * **Window Comparators**: Checking if a voltage is between two specific limits. * **Oscillators**: Creating simple square-wave generators when combined with resistors and capacitors.
    ✨ Follow-up Questions
    • ⤷What is the purpose of the 'G4' suffix in the LM393DGKRG4 part number?
    • ⤷ How do I calculate the pull-up resistor value for this comparator?
    • ⤷ What are the main differences between the LM393 and the LM339?