データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMC1608TP-R27G

  • AI
    The **LMC1608TP-R27G** is a high-frequency multilayer chip inductor. It is a passive electronic component commonly used in mobile communications and high-frequency modules to manage signal integrity and impedance matching. --- ## 1. Technical Specifications The following table outlines the key electrical and physical parameters for this specific part: | Parameter | Specification | | :--- | :--- | | **Part Number** | LMC1608TP-R27G | | **Inductance** | 0.27 µH (270 nH) | | **Tolerance** | ±2% (G) | | **Package Size** | 1608 (Metric) / 0603 (Inch) | | **Self-Resonant Frequency** | High (Typical for HF applications) | | **DC Resistance (Max)** | ~0.70 to 1.10 Ohms (varies by manufacturer) | | **Rated Current** | ~150mA to 300mA | | **Operating Temp** | -40°C to +85°C | --- ## 2. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical constraints of the component: * **LMC**: Series prefix (typically High-Frequency Multilayer Chip Inductor). * **1608**: Dimensions (1.6mm length x 0.8mm width). * **TP**: Packaging style (typically Taping/Plastic or Paper Reel). * **R27**: Inductance value. The "R" acts as a decimal point ($0.27 \mu H$). * **G**: Tolerance indicator. In this case, $G = \pm 2\%$. --- ## 3. Key Features & Internal Structure ### Multilayer Technology Unlike wire-wound inductors, this part is manufactured using **Multilayer Ceramic technology**. Conductive patterns are printed on ceramic layers and stacked, which provides: * Excellent stability at high frequencies. * Miniaturization (0603 footprint). * High reliability due to the monolithic structure. ### High Q-Factor These inductors are designed to have a high **Q (Quality Factor)**, meaning they have low energy loss. This is critical for LC resonant circuits and filter designs where signal sharpness is required. --- ## 4. Common Applications The LMC1608TP-R27G is primarily used in high-density PCB environments: 1. **Impedance Matching:** Used in the RF front-end of smartphones and wireless modules to match the antenna impedance. 2. **Frequency Filtering:** Part of Low Pass Filters (LPF) or Band Pass Filters (BPF) to suppress noise. 3. **Bluetooth/WLAN Modules:** High-frequency signal processing in wireless communication protocols. 4. **Oscillators:** Used in Voltage Controlled Oscillators (VCO) and local oscillator circuits.
    ✨ Follow-up Questions
    • ⤷What is the difference between this multilayer inductor and a wire-wound inductor?
    • ⤷ How does the ±2% tolerance affect the performance in RF circuits?
    • ⤷ Can this inductor be used for power supply decoupling?