データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMC1608TP-R33G

  • AI
    The **LMC1608TP-R33G** is a Surface Mount Device (SMD) high-frequency multilayer chip inductor. It is commonly used in RF (Radio Frequency) circuits for impedance matching, resonance, and filtering. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code | Segment | Meaning | | :--- | :--- | :--- | | **LMC** | Series | Multilayer Ceramic Chip Inductor (High Frequency) | | **1608** | Size (Metric) | 1.6mm x 0.8mm (Equivalent to **0603** in Imperial) | | **TP** | Packaging | Tape and Reel (Standard for automated assembly) | | **R33** | Inductance | **0.33 µH** (or 330 nH) | | **G** | Tolerance | **±2%** (Precision grade) | --- ### 2. Key Technical Specifications Based on the standard series parameters for this type of inductor: * **Inductance:** 330 nH (0.33 µH) * **Tolerance:** ±2% (Narrow tolerance, ideal for tuning circuits) * **Self-Resonant Frequency (SRF):** Typically > 500 MHz (Allows operation in high-frequency ranges). * **Quality Factor (Q):** Usually high at specific frequencies (e.g., 100MHz) to minimize signal loss. * **DC Resistance (DCR):** Relatively low to prevent power dissipation, usually measured in Ohms (Ω). * **Rated Current:** The maximum continuous current the part can handle without excessive heating (typically in the 100mA to 300mA range for this size). --- ### 3. Construction and Features The **LMC** series utilizes a multilayer ceramic structure rather than a wire-wound core. * **Multilayer Technology:** Conductive patterns are printed on ceramic layers and stacked to create a coil internally. * **Non-Magnetic Core:** Usually uses an alumina-based ceramic, which provides excellent stability across temperature ranges and high SRF. * **Miniaturization:** The 1608 (0603) footprint is small enough for modern smartphones and portable electronics while remaining large enough for reliable soldering. --- ### 4. Typical Applications This component is found in the RF front-ends of various communication devices: 1. **Impedance Matching:** Aligning the impedance between an antenna and an RF amplifier. 2. **Filter Circuits:** Used in Low Pass Filters (LPF) or Band Pass Filters (BPF). 3. **Oscillators:** Providing the inductive element for LC (Inductor-Capacitor) resonance loops. 4. **Mobile Communication:** Used in Bluetooth, Wi-Fi, and cellular (LTE/5G) modules.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between multilayer and wire-wound inductors?
    • ⤷ How does the 'G' tolerance impact the performance of an RF filter?
    • ⤷ What are the soldering profile recommendations for 0603 SMD components?