データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-4W0-R

  • AI
    The **LMS-4W0-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a similar magnetic component (often associated with manufacturers like Taiyo Yuden or Bourns, depending on the full series prefix). It is designed for high-efficiency power management in compact electronic devices. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer, components in this series generally follow these parameters: | Parameter | Typical Value / Description | |:---|:---| | **Inductance** | 4.0 µH (Microhenries) | | **Tolerance** | ±20% or ±30% | | **Current Rating (Isat)** | ~1.5A to 3.5A (Saturation current varies by physical size) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite or Metal Alloy | | **Shielding** | Usually Magnetic Shielded (low EMI) | --- ### 2. Functional Roles in a Circuit The LMS-4W0-R performs several critical roles within an electronic assembly: * **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in its magnetic field during the switching cycle to provide a steady output voltage. * **Filtering:** Acts as a low-pass filter to smooth out ripples in power supply lines and reduce electrical noise. * **Impedance Matching:** Used in RF sections to ensure maximum power transfer between stages. --- ### 3. Structural Features 1. **Compact Footprint:** Designed for high-density PCB layouts, common in smartphones, tablets, and wearable tech. 2. **Shielded Construction:** The "R" often signifies a ruggedized or shielded design, which prevents the magnetic field from interfering with neighboring sensitive components like Wi-Fi or Bluetooth modules. 3. **Low DCR (DC Resistance):** Engineered to have minimal internal resistance to prevent overheating and power loss. --- ### 4. Common Applications * **Mobile Devices:** Power management IC (PMIC) circuits. * **Computing:** Localized voltage regulation for CPUs and GPUs. * **Automotive Electronics:** Infotainment systems and driver-assist sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current for the LMS-4W0-R?
    • ⤷ How does magnetic shielding impact the performance of this inductor?
    • ⤷ What are the recommended soldering profiles for this SMD component?