データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-4WA-R/Q

  • AI
    ### Overview of the LMS-4WA-R/Q Series The **LMS-4WA-R/Q** series refers to high-precision linear magnetic scales (often associated with manufacturers like Magnescale or similar industrial automation brands). These components are used in motion control systems to provide accurate feedback regarding the position of a linear actuator or machine part. --- ### Technical Specifications and Components The system typically consists of two main electronic parts: the **Magnetic Scale (Tape)** and the **Reading Head (Sensor)**. | Feature | Specification Details | | :--- | :--- | | **Output Signal** | Incremental, RS422 (Differential Line Driver) | | **Resolution** | Typically ranges from 1μm to 5μm (depending on the interpolator) | | **Signal Type** | A/B Phase Quadrature + Reference Mark (Index) | | **Supply Voltage** | 5V DC ± 5% | | **Protection Class** | IP67 (Dust and water resistant) | | **Accuracy Class** | ±10μm to ±20μm per meter | --- ### Electronic Operating Principles The LMS series operates on the principle of **Magnetic Induction**. Here is how the electronic parts function: #### 1. The Magnetic Scale (LMS-4WA) * **Composition:** A stainless steel carrier tape coated with a magnetic layer. * **Magnetization:** It is permanently magnetized with north and south poles at a precise pitch (usually 2mm or 5mm). * **Function:** It acts as the "ruler" that the electronic sensor reads. #### 2. The Reading Head (The "R/Q" variants) * **Hall Effect Sensors:** The head contains an array of Hall elements or Magneto-Resistive (MR) sensors. * **Signal Processing:** Internal electronics convert the varying magnetic field into sinusoidal signals. * **Interpolation:** The "Q" often signifies a built-in **Quadrature** encoder interface, which translates the raw analog magnetism into digital pulses (A, B, and Z phases). --- ### Wiring and Interface (RS422) The electronic interface is designed for high noise immunity, essential for industrial environments. ```text Pin/Wire Color | Signal Name | Description ---------------|-------------|-------------------------- Red | VCC | +5V Power Supply Black | GND | 0V Ground Brown | A+ | Incremental Signal A White | A- | Inverted Signal A Yellow | B+ | Incremental Signal B Green | B- | Inverted Signal B Orange | Z+ | Reference Mark (Origin) Blue | Z- | Inverted Reference Mark ``` --- ### Application Usage * **CNC Machinery:** For axis positioning. * **Digital Readouts (DRO):** Providing visual feedback to manual lathe or mill operators. * **Automation:** Ensuring repeatable movement in robotic arms or pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷What is the maximum travel speed supported by the LMS-4WA-R/Q sensor?
    • ⤷ How do I troubleshoot a 'Signal Loss' error in this magnetic scale system?
    • ⤷ What are the mounting tolerances for the reading head relative to the magnetic tape?