データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-A2-R

  • AI
    Based on the specifications for the **LMS-A2-R** series (typically associated with Leadshine or similar high-performance linear motor stages), the electronic architecture is designed for high-precision motion control. --- ## 1. Core Electronic Components The system is comprised of four primary electronic layers: the **Actuator**, the **Feedback System**, the **Thermal Management**, and the **Drive Interface**. ### A. The Linear Motor (Actuator) The "heart" of the LMS-A2-R is a 3-phase AC linear motor. * **Stator (Magnet Track):** A row of permanent magnets (usually Neodymium). * **Mover (Forcer):** Contains the copper coil windings. When current passes through these coils, it interacts with the magnetic field to generate direct linear force (Lorentz force). ### B. Feedback System (Encoder) To achieve sub-micron accuracy, the stage uses an integrated optical or magnetic linear encoder. * **Signal Type:** Typically RS422 (Differential) or Sin/Cos 1Vpp. * **Resolution:** Often ranges from 0.1μm to 1μm depending on the specific model sub-type. --- ## 2. Technical Specifications Table | Component | Specification Detail | Function | | :--- | :--- | :--- | | **Motor Type** | 3-Phase Synchronous | Converts electrical energy to linear motion. | | **Feedback** | Linear Optical/Magnetic Encoder | Provides real-time position data to the controller. | | **Hall Sensors** | Digital/Analog U, V, W | Used for initial commutation (identifying motor position). | | **Limit Switches** | NPN/PNP (Normally Closed) | Prevents mechanical over-travel at both ends. | | **Thermal Sensor** | PTC Thermistor / KTY Sensor | Monitors coil temperature to prevent burnout. | --- ## 3. Wiring and Connectivity The LMS-A2-R usually features two primary cable exits or high-density connectors: ### Power Cable (High Voltage) 1. **Phase U, V, W:** Connects directly to the Servo Drive output. 2. **PE (Ground):** Essential for reducing EMI (Electromagnetic Interference) and safety. ### Signal Cable (Low Voltage) * **Encoder Channels:** A, /A, B, /B, Z, /Z (Differential signals for noise immunity). * **Hall Signals:** Used by the drive to determine which coils to energize upon startup. * **Temp Leads:** Connected to the drive's fault input to trigger an "Over-temp" shutdown if the motor exceeds ~120°C. --- ## 4. Control Requirements To operate these electronic parts, a **Linear Servo Drive** is required. The drive must support: * **High PWM Frequencies:** To handle the low inductance of linear motors. * **Direct Drive Logic:** No gear ratios are involved; the PID loop must be tuned for high stiffness. * **Commutation Alignment:** The electronic ability to find "Phase Zero" using the Hall sensors or an index pulse.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Current) for the LMS-A2-R motor?
    • ⤷ Which servo drive brands are most compatible with this linear stage?
    • ⤷ How do I calibrate the linear encoder feedback for this specific model?