データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-AB-R

  • AI
    The **LMS-AB-R** is typically associated with high-precision linear motor stages (often from manufacturers like *Steinmeyer Mechatronik* or specific laboratory motion control setups). It is an integrated system combining mechanical precision with sophisticated electronic feedback components. --- ### Core Electronic Components of the LMS-AB-R | Component | Function | Description | | :--- | :--- | :--- | | **Linear Motor** | Actuation | A non-contact electromagnetic drive system that provides high-speed movement without friction. | | **Encoder System** | Feedback | Typically an optical or magnetic incremental encoder that provides sub-micron position data. | | **Limit Switches** | Safety | Electronic sensors (Hall effect or Optical) that prevent the stage from over-traveling. | | **Connection Interface** | Communication | High-density D-Sub or Circular connectors for power and signal transmission. | --- ### Detailed Electronic Specifications #### 1. The Drive System (Linear Motor) The "AB" in these models often refers to an **Air Bearing** or a specific **Ironless Linear Motor** configuration. - **Electronics:** It consists of a series of permanent magnets and a coil assembly (forcer). - **Control:** Requires a PWM (Pulse Width Modulation) servo drive to regulate current through the coils, generating a Lorentz force for movement. #### 2. Position Feedback (The Encoder) To achieve high precision, the LMS-AB-R utilizes a high-resolution encoder. - **Signal Type:** Usually **RS-422 (Digital)** or **1Vpp (Analog)**. - **Resolution:** Often configured at 0.1 µm to 1 nm, depending on the interpolation electronics used in the external controller. - **Reference Mark:** An electronic "Home" pulse used to establish a zero-point upon power-up. #### 3. Protection Electronics - **Thermal Sensors:** Many models include a thermistor (PTC or NTC) embedded in the motor coils to monitor heat and prevent burnout during high-duty cycles. - **End-of-Travel Switches:** Active-low or active-high sensors that send a TTL signal to the controller to trigger an emergency stop. --- ### Typical Wiring Pinout (General Example) *Note: Specific pinouts vary by manufacturer version.* ```yaml Pin Cluster | Function | Signal Type ------------------------------------------- 1-4 | Motor Phases | U, V, W, PE (High Current) 5-10 | Encoder Power | +5V, GND, A, B, Z (Differential) 11-13 | Hall Sensors | Hall A, Hall B, Hall C (Commutation) 14-15 | Limits/Temp | Limit+, Limit-, Temp Sensor ``` --- ### Control Requirements To operate the electronics of the LMS-AB-R, you require a **Motion Controller** capable of: 1. **PID Loop Tuning:** To manage the high dynamics of the linear motor. 2. **Commutation:** If the motor is brushless, the electronics must handle sinusoidal commutation based on Hall sensor or encoder feedback.
    ✨ Follow-up Questions
    • ⤷What are the specific voltage requirements for the LMS-AB-R motor coils?
    • ⤷ How do I calibrate the optical encoder for sub-micron accuracy?
    • ⤷ Which motion controllers are compatible with the LMS-AB-R signal output?