データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-B0-R

  • AI
    The **LMS-B0-R** is an electronic component primarily classified as a **Magnetic Speed Sensor** or **Pulse Generator**, commonly used in industrial automation, automotive systems, and heavy machinery for motion detection. --- ### 1. Technical Specifications The LMS-B0-R operates on the principle of variable reluctance or Hall-effect sensing to detect the presence of ferrous metal teeth (like a gear) passing the sensor tip. | Parameter | Typical Description | | :--- | :--- | | **Component Type** | Speed / Motion Sensor | | **Sensing Method** | Magnetic / Induction | | **Output Type** | Pulse Signal (Square wave or Sine wave depending on internal circuitry) | | **Material** | Stainless Steel or Brass (Industrial Grade) | | **Termination** | Connector or Integrated Leads | --- ### 2. Key Electronic Features The internal electronics of the LMS-B0-R are designed for high-reliability environments: * **Integrated Circuitry:** Modern versions often include internal signal conditioning to convert raw magnetic fluctuations into a clean digital pulse. * **Protection:** Usually features reverse polarity protection and surge protection to prevent damage from electrical noise in industrial power grids. * **Response Frequency:** Capable of detecting high-speed rotations (often up to several kHz), making it suitable for engine crankshafts or turbine monitoring. * **IP Rating:** Typically rated **IP67 or higher**, ensuring the internal electronics are sealed against moisture, oil, and dust. --- ### 3. Applications The LMS-B0-R is integrated into systems where precise timing or velocity measurement is required: 1. **Engine Management:** Measuring RPM from the flywheel or camshaft. 2. **Conveyor Systems:** Monitoring belt speed to ensure synchronization. 3. **ABS Systems:** Detecting wheel speed for anti-lock braking logic. 4. **Flow Meters:** Detecting the rotation of internal turbines in liquid flow sensors. --- ### 4. Circuit Connection Example In a standard 3-wire configuration (Power, Ground, Signal), the electronics interact with a PLC or Microcontroller as follows: ```cpp // Pseudocode for reading an LMS-B0-R pulse signal const int sensorPin = 2; // Signal wire connected to digital pin volatile int pulseCount = 0; void countPulse() { pulseCount++; // Increment count on every detected gear tooth } void setup() { pinMode(sensorPin, INPUT_PULLUP); attachInterrupt(digitalPinToInterrupt(sensorPin), countPulse, RISING); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LMS-B0-R?
    • ⤷ Does this sensor require an external pull-up resistor for signal processing?
    • ⤷ What are the mechanical mounting requirements for the sensor gap?