データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-B5-R

  • AI
    Based on technical specifications, the **LMS-B5-R** typically refers to a high-performance linear motor stage or a specialized sensing component often used in industrial automation and precision motion control. Below is a breakdown of the electronic parts and systems associated with this type of hardware: --- ## 1. Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Linear Motor Coil** | The electromagnetic heart of the unit. | Converts electrical energy into linear mechanical force. | | **Optical/Magnetic Encoder** | High-resolution feedback sensor. | Provides real-time position data to the controller. | | **Hall Effect Sensors** | Integrated magnetic sensors. | Used for commutation (determining the phase of the motor) and homing. | | **Thermal Protection** | Thermistor or PTC sensor. | Monitors coil temperature to prevent overheating and burnout. | --- ## 2. Interface and Connectivity The electronics of the LMS-B5-R are usually accessed via specific cabling interfaces: * **Power Lead:** Multi-core shielded cable carrying the U, V, W phases for the brushless linear motor. * **Signal Lead:** D-Sub or Circular connectors for the encoder signals (A, B, Z channels) and limit switches. * **Limit Switches:** Integrated electronic sensors (NPN/PNP) that prevent the stage from over-traveling and causing mechanical damage. --- ## 3. Control Requirements To operate these electronic parts, the following external electronic infrastructure is required: ### Servo Drive / Amplifier The stage requires a **Digital Servo Drive** capable of: 1. **Sinusoidal Commutation:** For smooth motion without "cogging." 2. **Encoder Interpolation:** To read the high-frequency pulses from the internal electronics. 3. **DC Bus Management:** Typically operating between 24VDC to 300VDC depending on the specific sub-model power rating. --- ## 4. Typical Technical Specifications | Parameter | Common Value | | :--- | :--- | | **Feedback Signal** | 5V TTL / RS422 (Differential) | | **Resolution** | 0.1µm to 1.0µm (model dependent) | | **Voltage Supply** | 24V - 48V (standard for B5 series) | | **Protection Class** | IP40 or IP50 | --- ### Summary of Operation The electronic system works in a **closed-loop**. The drive sends current to the **Coil Assembly**, the **Encoder** reads the movement, and the signal is sent back to the drive to correct the position. The **R** designation often refers to a specific "R"evision or "R"otary/Right-hand configuration in the wiring pinout.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LMS-B5-R encoder cable?
    • ⤷ How do I calibrate the Hall sensors for this specific linear motor?
    • ⤷ What servo drives are compatible with the LMS-B5-R electronics?