データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-B6-R/Q

  • AI
    Based on technical specifications for industrial signage and notification devices, the **LMS-B6-R/Q** is an electronic module typically associated with **Patlite’s Signal Tower** series. This model represents a high-performance LED stack light component designed for industrial automation. ### 1. Component Identification The model number breaks down into specific electronic and physical characteristics: | Code Segment | Description | Electronic/Physical Attribute | | :--- | :--- | :--- | | **LMS** | Series Identifier | Short Body LED Signal Tower (approx. 60mm diameter). | | **B6** | Power/Mounting | 24V AC/DC operation; Pole mount with circular base. | | **R** | LED Color | **Red** (Solid or Flashing depending on wiring). | | **Q** | Wiring/Control | M12 Quick-Disconnect Connector. | --- ### 2. Key Electronic Specifications The electronics of the LMS-B6-R/Q are designed for low power consumption and high durability in harsh environments. #### A. Power System * **Operating Voltage:** 24V DC (Standard industrial control voltage). * **Current Consumption:** Typically 25mA to 50mA per LED module. * **Voltage Tolerance:** ±10% (Allows for fluctuations in PLC power supplies). #### B. LED Technology * **Light Source:** High-intensity LEDs arranged in a circular array for 360-degree visibility. * **Color Rendering:** The "R" indicates a red lens with matching red LEDs to prevent "washout" in bright environments. * **Switching:** Controlled via NPN or PNP open-collector transistors (compatible with most PLCs). #### C. Connectivity (The "Q" Factor) The "Q" suffix indicates the inclusion of an **M12 5-pin or 8-pin connector**. * **Benefit:** Allows for "Plug-and-Play" installation. * **Protection:** Integrated sealing to maintain IP65 ratings against water and dust. --- ### 3. Electronic Internal Circuitry The internal PCB (Printed Circuit Board) of the unit features: 1. **Reverse Polarity Protection:** Prevents damage if the 24V wires are accidentally swapped. 2. **Current Limiting Resistors:** Ensures consistent LED brightness and prevents thermal runaway. 3. **Opto-Isolators (Optional in base):** Some units include isolation to protect the driving PLC from voltage spikes. --- ### 4. Technical Summary Table | Feature | Specification | | :--- | :--- | | **Input Type** | NPN / PNP Compatible | | **IP Rating** | IP65 (Dust tight and water jet resistant) | | **Temperature Range** | -20°C to +50°C | | **Connector Type** | M12 Quick Disconnect | | **Light Effect** | Continuous (Steady) light |
    ✨ Follow-up Questions
    • ⤷ How does the wiring diagram differ between NPN and PNP configurations for this model?
    • ⤷ What is the specific pinout for the M12 connector on the LMS series?
    • ⤷ Can this unit be upgraded to include an audible alarm (buzzer)?