データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-C1-R/Q

  • AI
    The **LMS-C1-R** and **LMS-C1-Q** are part of the **LogiLink** series of industrial/commercial LED lighting controllers or power modules, often used for track lighting or modular rail systems. While specific internal schematics are proprietary, their electronic architecture follows standard **DALI** or **PWM** dimming protocols. --- ### 1. General Electronic Specifications Both models share a common baseline for power conversion and control logic. | Component / Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 220V - 240V AC (Standard Mains) | | **Output Type** | Constant Current (CC) or Constant Voltage (CV) depending on the LED load | | **Control Logic** | Microprocessor-based dimming control (DALI / 0-10V) | | **Circuit Protection** | Overload, Short-circuit, and Over-temperature protection | | **Connection Port** | 4-Pin or 6-Pin rail connectors for modular attachment | --- ### 2. Functional Differences: R vs. Q The suffix in these model numbers usually denotes the **physical form factor** or the **dimming protocol** supported by the internal PCB. #### **LMS-C1-R (Round/Recessed Logic)** * **Electronics Focus:** Often utilizes a circular PCB design to fit within cylindrical housings. * **Dimming Interface:** Generally designed for **Phase-cut** (TRIAC) or **0-10V** analog signals. * **Application:** Used in spotlights or directional track heads. #### **LMS-C1-Q (Square/Quad Logic)** * **Electronics Focus:** Uses a rectangular PCB optimized for linear power distribution. * **Dimming Interface:** Frequently supports **DALI (Digital Addressable Lighting Interface)**, allowing for individual component addressing via a bus system. * **Application:** Used in panel lights or linear track modules. --- ### 3. Key Electronic Components Internally, these modules consist of the following stages: 1. **EMI Filter Stage:** Capacitors and inductors (chokes) to prevent electromagnetic interference from leaking back into the power grid. 2. **Rectification Bridge:** Converts AC mains to high-voltage DC. 3. **Buck/Boost Converter:** A switching regulator (using MOSFETs) that steps down the voltage to the level required by the LED chips. 4. **Control IC:** A dedicated chip that interprets the dimming signal (DALI or PWM) and adjusts the duty cycle of the output current. 5. **Smoothing Capacitors:** Electrolytic or Ceramic capacitors that ensure a "flicker-free" output by stabilizing the DC current. --- ### 4. Wiring Diagram Representation The electronics interface with the lighting rail system as follows: ```mermaid graph LR A[AC Mains 230V] --> B[Internal Bridge Rectifier] B --> C[DC-DC Step Down / PWM Controller] D[DALI / Dimming Signal] --> C C --> E[LED Array Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wattage ratings for the LMS-C1-R and Q models?
    • ⤷ Do these controllers support Zigbee or Matter smart home protocols?
    • ⤷ What is the maximum number of modules that can be linked on a single rail?