データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-C6-R/Q

  • AI
    The **LMS-C6-R** and **LMS-C6-Q** are high-performance laser measurement sensors, typically manufactured by companies like **OPT** (or similar industrial automation providers). These sensors are designed for high-precision displacement measurement and 3D profile scanning. Below is a breakdown of their electronic components and technical specifications. --- ## 1. Core Electronic Components The "R" and "Q" versions share a similar architecture but differ in their optical output or resolution characteristics. | Component | Function | Description | | :--- | :--- | :--- | | **Laser Diode** | Light Source | Uses a Class 2 or 3R laser (often Blue or Red) to project a line or point onto the target. | | **CMOS Image Sensor** | Receiver | A high-speed linear or area CMOS sensor that captures the reflected light. | | **FPGA/DSP** | Processing Unit | The "brain" that calculates distance using triangulation algorithms in real-time. | | **Ethernet/Controller** | Communication | High-speed data transmission (often GigE) to send profile data to a PC or PLC. | --- ## 2. Technical Specifications Comparison These sensors are defined by their electronic precision and sampling rates. | Feature | LMS-C6 Series General Specs | | :--- | :--- | | **Light Source** | Blue Laser (usually 405nm - 450nm) | | **Sampling Rate** | Up to 10kHz - 60kHz (depending on model) | | **Interface** | Gigabit Ethernet (GigE), RS-232, or I/O | | **Voltage Supply** | 12V to 24V DC | | **Power Consumption** | Approx. 5W - 10W | | **Digital I/O** | Trigger Input, Encoder Input (A/B phase), Output signals | --- ## 3. Difference between -R and -Q Models In industrial sensor nomenclature (specifically for the LMS series): * **LMS-C6-R:** Usually refers to the **Standard/Regular Range** model. It balances the Field of View (FOV) and the Measurement Range (MR) for general industrial assembly lines. * **LMS-C6-Q:** Usually refers to a **High-Resolution/Quality** or **Wide-Angle** variant. It often features a different lens assembly to provide a larger measurement width or higher density of data points along the laser line. --- ## 4. Electronic Wiring and Connectivity The sensors typically use M12 or M8 industrial connectors to ensure EMI/RFI shielding in factory environments. ### Typical Pinout Configuration ```yaml 1. Power (+) : 24V DC 2. Power (-) : 0V / GND 3. Ethernet : RJ45 (via M12 adapter) for Data 4. Trigger In: External sensor or PLC pulse 5. Encoder : For synchronizing with conveyor belts ``` --- ## 5. Key Electronic Features 1. **Blue Laser Technology:** Unlike red lasers, the blue laser electronics allow for measurement of highly reflective or semi-transparent materials (like hot metal or shiny plastics) by reducing the "speckle" effect. 2. **High-Speed Processing:** The internal electronics support "Sub-pixel" processing, allowing the sensor to achieve micron-level (μm) accuracy even when the object is moving at high speeds. 3. **Auto-Gain Control:** The circuitry automatically adjusts the laser intensity and CMOS exposure time based on the reflectivity of the target surface.
    ✨ Follow-up Questions
    • ⤷ What is the exact measurement range (MR) for the LMS-C6-R model?
    • ⤷ How do I interface the LMS-C6 series with a PLC via EtherNet/IP?
    • ⤷ What software is required to process the 3D point cloud data from these sensors?