データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-CZ-R

  • AI
    The **LMS-CZ-R** typically refers to a specific series of **Laser Measurement Systems** (often associated with brands like SICK or specialized industrial automation suppliers) or a customized **Linear Motion System** controller. In the context of industrial automation and sensing, here is a breakdown of the electronic components and functional architecture of such a device. --- ### 1. Core Electronic Components The LMS-CZ-R system is comprised of several critical electronic subsystems that manage data acquisition, processing, and communication. | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller / DSP** | High-speed Digital Signal Processor. | Processes raw sensor data and calculates distances/positions. | | **Laser Diode** | Infrared or Visible Light Emitter. | Generates the light pulses used for Time-of-Flight (ToF) measurement. | | **Photodiode Receiver** | High-sensitivity optical sensor. | Captures the reflected light signal from the target. | | **FPGA / ASIC** | Field Programmable Gate Array. | Handles high-speed timing (nanosecond scale) for precise measurements. | | **I/O Interface** | Digital/Analog Input/Output ports. | Connects to PLCs or emergency stop circuits. | --- ### 2. Functional Architecture The internal electronics follow a specific signal flow to ensure accuracy in industrial environments: 1. **Timing Generator:** A high-precision clock triggers the Laser Diode. 2. **Analog Front-End (AFE):** Small signals from the photodiode are amplified and filtered to remove background noise (ambient light). 3. **TDC (Time-to-Digital Converter):** Measures the exact interval between pulse emission and return. 4. **Logic Controller:** Applies calibration curves and temperature compensation to the data. --- ### 3. Connectivity and Communication The "R" in many industrial part numbers often signifies **Relay** outputs or **RS-type** (Serial) communication. * **Communication Ports:** Likely includes RS-232 or RS-422 for configuration. * **Power Supply:** Usually operates on **24V DC**, standard for industrial cabinets. * **Protection Circuitry:** Includes TVS diodes for surge protection and opto-isolators to prevent ground loops between the sensor and the PLC. --- ### 4. Technical Specifications (Typical) ```yaml Electrical_Specs: Voltage: 24V DC +/- 20% Power_Consumption: < 5W (standard operation) Interface_Type: Serial / Digital I/O Response_Time: 10ms - 100ms (configurable) Enclosure_Rating: IP65/IP67 (dust and water resistant) ``` ---
    ✨ Follow-up Questions
    • ⤷ Is the LMS-CZ-R being used as a safety scanner or for distance measurement?
    • ⤷ What are the specific pinout configurations for the 24V DC input?
    • ⤷ How does the 'R' suffix specifically change the output type compared to the standard model?