データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-D0-R

  • AI
    The **LMS-D0-R** is an electronic component primarily classified as a **Digital Laser Distance Sensor**. It is designed for high-precision distance measurement and presence detection in industrial automation environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Core Technical Specifications The device operates on the principle of "Time of Flight" (ToF) or phase-shift measurement to calculate the distance between the sensor and an object. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 10V to 30V DC | | **Output Type** | PNP or NPN (Configurable/Push-Pull) | | **Communication Interface** | Digital (IO-Link often supported) | | **Sensing Range** | Typically 0.1m to 10m (Depends on reflectivity) | | **Light Source** | Red Laser (Class 1 or 2) | | **Switching Frequency** | Up to 1000 Hz | | **Connection Type** | M12 Connector (4-pin or 5-pin) | --- ### 2. Electronic Component Breakdown The LMS-D0-R consists of several critical internal subsystems: * **Laser Diode Driver:** Regulates the power to the laser emitter to ensure a consistent beam pulse without overheating the diode. * **Receiver Photodiode (APD):** An Avalanche Photodiode is often used to detect the faint reflection of laser light returning from the target. * **Microcontroller (MCU):** The "brain" of the unit that processes the time delay between emission and reception, converting it into a distance value. * **Output Stage (ASIC):** Converts the processed distance into a physical signal (e.g., triggering a transistor for a binary "high" signal when an object is within a specific range). --- ### 3. Wiring and Pin Configuration Standard M12 industrial wiring for these sensors typically follows this logic: ```yaml Pin 1: Brown (+) -> 10-30V DC Power Supply Pin 2: White (I) -> Analog Output or Configurable Input Pin 3: Blue (-) -> 0V / Ground Pin 4: Black (Q) -> Digital Switching Output (Load) ``` --- ### 4. Key Electronic Features * **Short-Circuit Protection:** The electronic outputs are typically protected against wiring errors to prevent the internal traces from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative power leads are swapped. * **Hysteresis Adjustment:** Electronic filtering allows the sensor to ignore small fluctuations in distance to prevent "chattering" of the output signal. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current consumption of the LMS-D0-R?
    • ⤷ How do I configure the switching distance threshold?
    • ⤷ Does the LMS-D0-R support RS-485 or IO-Link communication?