データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMS-D4W-R

  • AI
    The **LMS-D4W-R** is a high-performance, long-range laser measurement sensor, commonly used in industrial automation for distance detection and monitoring. It is part of the LMS (Laser Measurement System) series, typically characterized by its rugged design and precision. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications The electronics of the LMS-D4W-R are designed to handle high-speed data processing and environmental noise. | Feature | Specification | | :--- | :--- | | **Detection Principle** | Time-of-Flight (ToF) Laser | | **Light Source** | Infrared Laser (Class 1 or 2 depending on version) | | **Supply Voltage** | 12 - 30V DC | | **Current Consumption** | Max 100mA (at 24V DC) | | **Output Type** | Push-Pull (NPN/PNP configurable) + Analog (4-20mA) | | **Response Time** | < 10ms (Adjustable) | | **Communication Interface** | RS-422 / RS-232 / IO-Link (Model specific) | --- ### 2. Core Electronic Subsystems #### A. Optical Transceiver * **Laser Diode:** Emits a pulsed infrared beam. * **Photodiode Receiver:** A high-sensitivity Avalanche Photodiode (APD) that detects the reflected light. * **Time-to-Digital Converter (TDC):** The "brain" of the distance calculation, measuring the picosecond delay between emission and reception. #### B. Signal Processing Circuitry * **Microcontroller (MCU):** Filters incoming signals to distinguish between the actual target and environmental "noise" (like dust, steam, or ambient light). * **Analog-to-Digital Converter (ADC):** Converts the received light intensity into digital data for distance calculation. #### C. Input/Output (I/O) Stage * **Switching Output:** Provides a digital signal when an object enters a predefined "window." * **Analog Output:** Provides a continuous voltage or current signal proportional to the distance measured. * **Protection Circuitry:** Includes reverse polarity protection, overcurrent protection, and transient voltage suppression (TVS) to prevent damage from industrial power surges. --- ### 3. Connection Pinout (Typical) Most D4W series sensors use an M12 5-pin or 8-pin connector. | Pin Number | Color | Function | | :--- | :--- | :--- | | 1 | Brown | +V (12-30V DC) | | 2 | White | Analog Output (4-20mA / 0-10V) | | 3 | Blue | 0V (GND) | | 4 | Black | Switching Output (Q1) | | 5 | Gray | Control Input / Sync | --- ### 4. Environmental Protection The electronics are housed in a robust casing, usually rated **IP67**, meaning the internal circuit boards are protected against: * Dust ingress. * Immersion in water up to 1 meter. * High vibration (common in conveyor systems).
    ✨ Follow-up Questions
    • ⤷ What are the specific programming software options for the LMS-D4W-R?
    • ⤷ How do you calibrate the analog output range for this sensor?
    • ⤷ What is the maximum sensing distance of the LMS-D4W-R model?