データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LMV393DUAL

  • AI
    ## Overview of the LMV393 Dual Comparator The **LMV393** is a low-voltage, dual-channel comparator designed to operate over a wide range of supply voltages. It is essentially the low-voltage version of the industry-standard LM393, optimized for portable and battery-powered electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.7V to 5.5V | | **Number of Channels** | 2 (Dual) | | **Low Supply Current** | ~100 µA to 150 µA | | **Output Type** | Open Collector (requires pull-up resistor) | | **Input Offset Voltage** | 7mV (Max) | | **Propagation Delay** | ~200 ns | | **Common-Mode Input Range** | Includes Ground (0V) | --- ### 2. Internal Electronic Structure The LMV393 consists of two independent precision voltage comparators. Its internal circuitry is characterized by: * **Input Stage:** Uses a bipolar differential pair. It is designed to handle input signals that go down to the negative rail (ground). * **Output Stage:** Features an **Open Collector** configuration. This is a critical electronic detail because: * It allows for "Wired-OR" connections. * It can interface with different logic levels (e.g., the comparator runs at 3.3V, but the output pull-up is connected to 5V). * It cannot "push" current high; it can only "pull" the output to ground. --- ### 3. Pinout Configuration Standard 8-pin packages (SOIC, VSSOP, TSSOP) typically follow this layout: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **1OUT** | Output of Comparator 1 | | 2 | **1IN-** | Inverting Input of Comparator 1 | | 3 | **1IN+** | Non-inverting Input of Comparator 1 | | 4 | **GND** | Ground / Negative Supply | | 5 | **2IN+** | Non-inverting Input of Comparator 2 | | 6 | **2IN-** | Inverting Input of Comparator 2 | | 7 | **2OUT** | Output of Comparator 2 | | 8 | **$V_{CC}$** | Positive Supply Voltage | --- ### 4. Typical Application Example Because the output is open-collector, a pull-up resistor is mandatory for the circuit to function correctly. ```python # Simple Logic Representation # If IN+ > IN-: Output = Floating (Pull-up resistor makes it HIGH) # If IN+ < IN-: Output = Connected to Ground (LOW) ``` --- ### 5. Common Use Cases 1. **Level Detectors:** Comparing a sensor voltage against a fixed reference. 2. **Window Comparators:** Checking if a signal stays within a specific voltage range. 3. **Clock/Square Wave Generators:** Converting sine waves or irregular pulses into clean logic signals. 4. **Battery Monitoring:** Detecting low battery conditions in portable devices.
    ✨ Follow-up Questions
    • ⤷ What is the purpose of the open-collector output in the LMV393?
    • ⤷ How does the LMV393 differ from the standard LM393?
    • ⤷ Can the LMV393 be used as an Operational Amplifier?