データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LNBP21

  • AI
    The **LNBP21** is a monolithic voltage regulator and interface IC, specifically designed to supply power and control signals to the Low Noise Block (LNB) downconverter in satellite TV receivers (Set-Top Boxes). --- ## 1. Key Functional Components The LNBP21 integrates several electronic stages into a single 20-pin package (usually PowerSO-20). | Component | Function | | :--- | :--- | | **Step-up Controller** | Converts the input voltage (typically 12V) to a higher voltage to ensure the linear regulator has enough headroom. | | **Linear Regulator** | Provides a clean, low-noise output voltage for the LNB. | | **22kHz Tone Generator** | Generates a diagnostic/control signal (0.6V amplitude) to switch between satellite bands (High/Low). | | **I2C Interface** | Allows a microcontroller to set the output voltage and monitor status digitally. | | **Short-Circuit Protection** | Limits current and shuts down the device if a cable short occurs. | --- ## 2. Technical Specifications Below are the critical operating parameters for the LNBP21: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage ($V_{cc}$)** | 8V to 15V | | **Output Voltage 1 (Vertical)** | 13V or 14V (Programmable) | | **Output Voltage 2 (Horizontal)** | 18V or 19V (Programmable) | | **Output Current ($I_{out}$)** | Up to 500mA (Continuous) | | **22kHz Tone Frequency** | 22kHz ± 2kHz | | **Operating Temperature** | 0°C to 70°C | --- ## 3. Pinout and Signal Descriptions The device uses specific pins for communication and power delivery: 1. **SDA/SCL:** I2C Data and Clock lines used for digital configuration. 2. **Vout:** The main power output sent to the satellite coaxial cable. 3. **VCC:** The main DC power supply input. 4. **EXTM:** External Modulation pin used for 22kHz tone injection. 5. **LLC:** Line Length Compensation, used to increase voltage slightly to compensate for long cable drops. --- ## 4. Typical Application Circuit In a standard circuit, the LNBP21 sits between the Set-Top Box power supply and the F-connector output. ```mermaid graph LR A[12V DC Supply] --> B(LNBP21) C[Microcontroller] -- I2C --> B B --> D[Satellite Cable / LNB] B -- 22kHz Tone --> D ``` ### Protection Features * **Thermal Shutdown:** If the chip exceeds 150°C, it automatically turns off. * **Over-current:** If the LNB draws more than ~600mA, the chip limits the current to prevent damage to the internal circuitry.
    ✨ Follow-up Questions
    • How do you program the LNBP21 output voltage via the I2C bus?
    • What are the primary differences between LNBP21 and the newer LNBH25?
    • How does the Line Length Compensation (LLC) pin function in long cable runs?