データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LOR3-R005-F

  • AI
    The **LOR3-R005-F** is a specialized electronic component primarily used for current sensing and power management. Based on the part numbering convention (common to manufacturers like LIZ Electronics or similar precision resistor firms), it is a **Low Ohmic Current Sense Chip Resistor**. --- ### 1. Technical Specifications The part number can be broken down into its core functional attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Current Sense Resistor | Metal strip or thick film technology for measuring current. | | **Resistance Value** | 0.005 $\Omega$ (5m$\Omega$) | Represented by "R005". Very low resistance to minimize power loss. | | **Tolerance** | $\pm$1% | Represented by "F". Indicates high precision for measurement. | | **Package Size** | 2512 (Metric 6432) | Large surface mount (SMD) footprint to handle heat dissipation. | | **Power Rating** | 3 Watts | Represented by "3". Capable of handling significant current flow. | --- ### 2. Physical Construction These resistors are typically constructed using a **Metal Alloy** element. Unlike standard carbon resistors, the metal plate technology offers: * **High Stability:** Maintains resistance accuracy under temperature fluctuations. * **Low Inductance:** Critical for high-frequency switching power supplies. * **High Power Density:** The "2512" size combined with a 3W rating suggests advanced thermal management properties. --- ### 3. Application Use Cases The LOR3-R005-F is used in circuits where the system needs to monitor how much current is being drawn without significantly dropping the voltage. * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **DC-DC Converters:** Providing feedback loops for voltage regulation. * **Motor Controllers:** Sensing phase current to protect the motor from overcurrent conditions. * **Power Supplies:** Acts as a "shunt" resistor to trigger safety shut-offs if a short circuit occurs. --- ### 4. Key Advantages 1. **Efficiency:** With only 5m$\Omega$ of resistance, the voltage drop ($V=I \times R$) is minimal, reducing wasted heat ($P=I^2 \times R$). 2. **Precision:** The 1% tolerance ensures that the microcontroller or sensing IC receiving the analog signal gets an accurate representation of the real-world current. 3. **Durability:** Metal strip construction is more robust against current surges compared to standard thick-film resistors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 3W rating?
    • ⤷ How does the Temperature Coefficient of Resistance (TCR) affect this part's accuracy?
    • ⤷ Can this resistor be used in AC current sensing applications?