データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LOR34T-R012-G

  • AI
    The **LOR34T-R012-G** is a high-precision, low-resistance metal plate shunt resistor typically used for current sensing applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This component belongs to the category of **Current Sense Resistors**. It is designed to measure current by creating a small voltage drop across its terminals, which can be interpreted by an integrated circuit (IC) or microcontroller. ### 2. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 12 mΩ (0.012 Ω) | Indicated by "R012" | | **Tolerance** | ±1% (Standard) | High precision for accurate current measurement | | **Power Rating** | 3W - 5W | High power handling capability relative to size | | **Temperature Coefficient (TCR)** | ±50 ppm/°C to ±100 ppm/°C | Ensures stability across temperature fluctuations | | **Construction** | Metal Plate / Alloy | Provides low noise and high reliability | ### 3. Key Electronic Characteristics * **Low Inductance:** Because it is a metal plate resistor rather than a wire-wound one, it has parasitic inductance of less than 5nH. This makes it ideal for high-frequency switching applications. * **High Pulse Capability:** The solid metal alloy construction allows the component to withstand short-duration high-current surges without failing. * **Thermal Management:** The "T" in the series often refers to specialized terminal shapes or materials designed to dissipate heat efficiently into the PCB copper traces. ### 4. Typical Applications These parts are commonly found in power management modules where monitoring energy consumption or protecting against overcurrent is critical: 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback loops for voltage regulation. 3. **Motor Control:** Sensing phase current in brushless DC (BLDC) motors. 4. **Inverters:** Used in solar power or automotive EV systems. --- ### 5. Layout Recommendations To achieve the rated accuracy of the **R012** (12mΩ) value, engineers should use a **Kelvin (4-wire) connection** layout. This involves: * Two pads for the main high-current path. * Two separate, thin "sense" traces connected directly to the resistor terminals to eliminate the resistance of the PCB copper from the measurement.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LOR34T series?
    • ⤷ How does a 4-wire Kelvin connection improve measurement accuracy?
    • ⤷ What are the common alternatives to metal plate shunt resistors?