データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LOR3E-R005-D

  • AI
    Based on the part number provided, the **LOR3E-R005-D** is a specialized electronic component, typically categorized as a **High-Precision Current Sensing Resistor** (Shunt Resistor). These are commonly used in power management systems to monitor current flow with extreme accuracy. --- ### 1. Technical Specifications Below is a breakdown of the typical specifications for this series of components: | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | Ultra-low resistance to minimize power loss. | | **Tolerance** | ±0.5% (D) | High precision for accurate current measurement. | | **Power Rating** | 3 Watts | Ability to dissipate heat during high current flow. | | **Technology** | Metal Plate / Shunt | Constructed from specialized alloys (like Manganin). | | **Mounting Type** | Through-hole (Radial) | Designed for PCB mounting with specific lead spacing. | --- ### 2. Part Number Breakdown The nomenclature for this series (often associated with manufacturers like Ohmite or specialized shunt producers) usually follows this logic: * **LOR**: Series identifier (Low Ohmic Resistor). * **3**: Power rating (3 Watts). * **E**: Lead-free / RoHS compliant packaging. * **R005**: Resistance value ($0.005$ Ohms). * **D**: Tolerance code ($D = \pm 0.5\%$). --- ### 3. Key Applications Because this resistor has a very low value (5 m$\Omega$), it is used as a **Current Shunt**. The circuit measures the small voltage drop across this resistor to calculate current using Ohm’s Law ($I = V/R$). * **Power Supplies:** Monitoring output current to prevent over-current conditions. * **Battery Management Systems (BMS):** Tracking charge and discharge cycles in EVs or laptops. * **Motor Control:** Feedback loops for brushless DC motors. * **Inverters:** Managing DC-to-AC conversion efficiency. --- ### 4. Installation & Thermal Management When working with the LOR3E-R005-D, consider the following: 1. **Kelvin Connection:** To get the most accurate reading, use a 4-terminal (Kelvin) sensing layout to eliminate the resistance of the PCB traces. 2. **Heat Dissipation:** At 3W, the component can become hot. Ensure adequate airflow or copper plane area for heat sinking. 3. **TCR (Temperature Coefficient):** These parts usually have a low TCR (e.g., $\pm 50$ ppm/°C) to ensure the resistance doesn't drift as the part heats up.
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle at 3 Watts?
    • ⤷ How do I implement a 4-wire Kelvin connection for this part?
    • ⤷ Are there surface-mount (SMD) equivalents to the LOR series?