データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LOR5.LV3-R005-F

  • AI
    The part number **LOR5.LV3-R005-F** typically refers to a high-precision, low-resistance shunt resistor, often utilized in power management and current sensing applications. ### Technical Specifications Breakdown | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | The nominal resistance for current measurement. | | **Tolerance** | $\pm$ 1% (usually denoted by 'F') | The allowable deviation from the nominal resistance. | | **Power Rating** | 3 Watts to 5 Watts | Capacity to dissipate heat without damaging the component. | | **Technology** | Metal Strip / Alloy | Uses specialized metal alloys for stability across temperatures. | | **Package Style** | Through-hole / Radial | Designed for PCB mounting with specific lead spacing. | --- ### Key Electronic Features 1. **Low Temperature Coefficient (TCR):** These resistors are engineered to maintain their resistance value even as the component heats up due to current flow, ensuring measurement accuracy. 2. **Kelvin Connection (4-Terminal) Compatibility:** While some are 2-terminal, high-precision versions often support 4-terminal sensing to eliminate the resistance of the leads from the measurement. 3. **Inductance:** Designed with low self-inductance to allow for accurate readings in high-frequency switching environments (like PWM motor controllers). ### Common Applications * **Current Sensing:** Converting a current flow into a small, measurable voltage ($V = I \times R$). * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in lithium-ion packs. * **Motor Control:** Providing feedback loops for speed and torque regulation. * **Power Supplies:** Overcurrent protection and load monitoring in DC-DC converters. --- ### Internal Structure The device typically consists of a **Manganese-Copper** or **Nickel-Chrome** alloy element welded to copper terminals. This construction provides high thermal mass and excellent long-term stability compared to standard thick-film resistors.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'F' suffix in electronic component part numbers?
    • ⤷ How do you calculate the voltage drop across this resistor at 10 Amps?
    • ⤷ What are the advantages of metal strip resistors over thick film resistors for current sensing?