データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LP-R

  • AI
    It appears you are referring to the **LP-R** series, which is a common designation for **Ultra-Low Profile Surface Mount Resistors** (often used in current sensing) or specific **Low-Power/Low-Profile Relay** components. Given the context of general electronic parts, here is an explanation focused on the most common electronic component utilizing the "LP-R" designation: **Current Sense Resistors.** --- ### 1. Overview of LP-R Components The "LP-R" series typically refers to high-precision, low-resistance chips designed for monitoring current flow in a circuit. They are engineered to handle power while maintaining a very small footprint (Low Profile). ### 2. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Resistance Range** | Typically very low (1mΩ to 500mΩ). | | **Power Rating** | Ranges from 0.25W to 3W depending on package size. | | **Tolerance** | High precision, often ±1% or ±5%. | | **Temperature Coefficient (TCR)** | Low TCR (e.g., ±50ppm/°C) to ensure stability under heat. | | **Construction** | Metal strip or thick film technology for high reliability. | ### 3. Internal Construction These parts are built differently than standard resistors to handle "crowbar" currents or surges: 1. **Resistive Element:** Usually a specialized metal alloy (like Manganese-Copper). 2. **Substrate:** High-purity alumina or ceramic for heat dissipation. 3. **Terminations:** Large solder pads (wraparound) to reduce parasitic resistance. ### 4. Common Applications * **Battery Management Systems (BMS):** Measuring charge/discharge rates. * **DC-DC Converters:** Providing feedback for voltage regulation. * **Motor Control:** Detecting over-current conditions. * **Consumer Electronics:** Power management in laptops and smartphones. --- ### 5. Implementation Example In a typical circuit, the LP-R resistor is placed in series with the load. The voltage drop across it is measured using an Operational Amplifier (Op-Amp) to calculate the current using Ohm's Law ($I = V/R$). ```python # Simple Python calculation for Current Sensing def calculate_current(v_drop, r_value): # v_drop: Voltage measured across LP-R (Volts) # r_value: Resistance of LP-R (Ohms) return v_drop / r_value # Example: 10mV drop across a 5mOhm LP-R resistor current = calculate_current(0.010, 0.005) print(f"Detected Current: {current} Amps") ```
    ✨ Follow-up Questions
    • ⤷How do I choose the correct wattage for an LP-R resistor?
    • ⤷ What is the difference between thick film and metal strip LP-R parts?
    • ⤷ Can LP-R components be used in high-frequency AC circuits?