データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LP2951-S08-R

  • AI
    ## Overview of LP2951-S08-R The **LP2951-S08-R** is a low-power, low-dropout (LDO) voltage regulator manufactured by UTC (Unisonic Technologies Co.). It is a versatile component designed specifically for battery-powered applications due to its low quiescent current and very low dropout voltage. ### Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 2.0V to 30V | | **Output Voltage** | 1.235V to 29V (Adjustable) / 5V (Fixed) | | **Output Current** | 100 mA | | **Dropout Voltage** | Typically 380mV at 100mA | | **Quiescent Current** | 75 µA (Typical) | | **Package Type** | SOP-8 (S08) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Functional Pins (SOP-8) The LP2951 in an 8-pin package offers more features compared to the 3-pin version (LP2950). 1. **Output:** Regulated DC output. 2. **SENSE/VTAP:** Used to sense the output voltage for regulation. 3. **SHUTDOWN:** Logic input to turn off the regulator (saves power). 4. **ERROR:** Open-collector output that goes low if the output voltage drops out of regulation (e.g., low battery). 5. **FEEDBACK:** Used for setting the output voltage via external resistors. 6. **GND:** Ground reference. --- ### Key Features and Features * **Adjustable/Fixed Dual Mode:** It can be used as a fixed 5V regulator (by strapping specific pins) or as an adjustable regulator (using a resistor divider). * **Low Battery Warning:** The "Error" flag is a critical feature for microcontrollers to perform an orderly shutdown before the battery dies. * **Protection Circuitry:** Includes internal current limiting and thermal shutdown protection. * **High Accuracy:** Usually maintains a 0.5% output voltage tolerance. ### Common Application Scenarios 1. **Battery Powered Systems:** Ideal for portable electronics, handheld terminals, and remote sensors. 2. **Automotive Electronics:** Used in subsystems requiring low quiescent current to avoid draining the car battery when the ignition is off. 3. **Efficiency Upgrades:** Replacing older 78L05 regulators where power efficiency and a lower dropout voltage are required. --- ### Typical Application Circuit Example To configure the LP2951 for a specific output voltage, the following formula is used: `Vout = Vref * (1 + R1 / R2)` (where $V_{ref} \approx 1.235V$). ```markdown [Input Voltage] ----+----[ IN ] [ OUT ]----+---- [ Vout ] | | [Cin] [Cout] | | [Ground] -----------+----[ GND ]----------------+---- [ Ground ] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LP2950 and the LP2951 series?
    • ⤷ How do I calculate the resistor values for a 3.3V output?
    • ⤷ What are the recommended capacitor types for stability with this LDO?