データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LP4-OA-1-R-G-B-N-R

  • AI
    The **LP4-OA-1-R-G-B-N-R** is a specific part number for a high-quality, illuminated push-button switch, typically manufactured by companies like **OTTO Engineering**. These switches are designed for rugged applications requiring multi-color feedback and high reliability. Below is a detailed breakdown of the electronic components and specifications associated with this part. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific electronic capabilities of this unit: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **LP4** | Series | Low-profile, square bezel pushbutton | | **OA** | Circuitry | SPST (Single Pole, Single Throw) - Normally Open | | **1** | Mechanical | Momentary action (returns to original position) | | **R-G-B** | Illumination | Full RGB LED (Red, Green, Blue) | | **N** | Mounting | Standard Nut/Bush Mounting | | **R** | Cap Style | Raised Button profile | --- ### 2. Electrical Specifications These switches are engineered for low-voltage signal applications but are built to withstand harsh environments. * **Current Rating:** Typically 100mA to 5A depending on the specific load type (Resistive vs. Inductive). * **LED Voltage:** Usually requires an external resistor if not integrated; typical forward voltage is **2.0V to 3.5V** depending on the color channel. * **Contact Resistance:** < 50 mΩ (Initial). * **Insulation Resistance:** > 1,000 MΩ. * **Dielectric Strength:** 1,000 V RMS. --- ### 3. LED Configuration (RGB) The "R-G-B" designation indicates that the internal electronic structure contains three separate Light Emitting Diodes. This allows for: 1. **Individual Color Control:** Driving one pin at a time for pure Red, Green, or Blue. 2. **Color Mixing:** By applying PWM (Pulse Width Modulation) to all three channels simultaneously, you can create thousands of colors (including White, Amber, or Purple). 3. **Status Feedback:** Common in cockpits or control panels where Green = Ready, Red = Error, and Blue = Standby. --- ### 4. Physical & Environmental Features | Feature | Details | | :--- | :--- | | **Sealing** | Usually IP68S (Submersible) or IP64 (Dust/Splash proof) | | **Operating Temp** | -55°C to +85°C | | **Mechanical Life** | 250,000 cycles | | **Terminals** | Solder or PC Pin terminals | --- ### 5. Application Circuit Example To use this switch with a microcontroller (like an Arduino), you would connect the switch contacts to a digital input and the RGB LED pins to PWM-capable outputs. ```cpp // Example: Setting the LED to Purple int redPin = 9; int bluePin = 11; void setup() { pinMode(redPin, OUTPUT); pinMode(bluePin, OUTPUT); } void loop() { analogWrite(redPin, 255); // Full Red analogWrite(bluePin, 255); // Full Blue // Result: Purple illumination } ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the RGB LED connections on this switch?
    • ⤷ Does this model require external resistors for the LEDs?
    • ⤷ What are the mounting hole dimensions for the LP4 series?