データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LP4040R-R22M

  • AI
    ## Technical Overview: LP4040R-R22M Inductor The **LP4040R-R22M** is a high-current, surface-mount (SMD) power inductor. It belongs to a category of molded power inductors designed for high-density power applications where space is limited and efficiency is critical. --- ### 1. Part Number Breakdown While specific manufacturers (like Link-PP or Bourns-style equivalents) may vary slightly, the nomenclature typically follows this logic: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **LP** | Series Prefix | Often indicates Low Profile or a specific manufacturer series. | | **4040** | Physical Size | Approximately 4.0mm x 4.0mm footprint. | | **R22** | Inductance Value | **0.22 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Standard for power inductors). | --- ### 2. Key Technical Specifications Below are the typical electrical characteristics for an inductor of this class: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.22 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~4.0 mΩ to 7.0 mΩ (Very low) | | **Saturation Current (Isat)** | 10A - 15A (Depending on core material) | | **Heat Rating Current (Irms)** | 8A - 12A | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Construction and Materials The "R" suffix often points to a **Molded Iron Powder** construction. This design provides several benefits: * **Magnetic Shielding:** The molded body acts as a natural shield, reducing Electromagnetic Interference (EMI). * **Soft Saturation:** Unlike ferrite cores that lose inductance sharply at a specific current, these cores have a "soft" saturation curve, making them safer for high-surge circuits. * **Compactness:** The wire is wound and then pressed into a metallic powder composite, allowing for high current capacity in a tiny 4040 footprint. --- ### 4. Typical Applications This component is primarily used in DC-DC conversion circuits: * **Voltage Regulator Modules (VRMs):** Found in laptops and high-end graphics cards. * **Point of Load (POL) Converters:** Used to step down voltage near the CPU/GPU. * **Portable Electronics:** Tablets and smartphones requiring high current in a small profile. * **Battery Powered Systems:** Where low DCR is essential to minimize power loss. --- ### 5. Footprint (Land Pattern) The **4040** size code generally translates to the following dimensions (approximate): ```text Length: 4.4 mm (±0.3) Width: 4.0 mm (±0.3) Height: 1.2 mm to 2.0 mm (Series dependent) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the LP4040 series?
    • ⤷ How does the DCR of the 0.22uH version compare to a 1.0uH version in the same size?