データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LP4040R-R88M

  • AI
    ## Analysis of LP4040R-R88M Electronic Component The **LP4040R-R88M** is a high-performance **Power Inductor**, typically part of a series designed for high-frequency DC-DC converters and power supply modules. It is a surface-mount device (SMD) characterized by its low profile and high current handling capabilities. --- ### 1. Part Number Deciphering Understanding the nomenclature helps identify the component's physical and electrical properties: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LP** | Series Code | Often refers to "Low Profile" or a specific manufacturer series. | | **4040** | Package Size | Indicates dimensions (approx. 4.0mm x 4.0mm). | | **R** | Construction | Often signifies a shielded or ruggedized molding. | | **R88** | Inductance Value | **0.88 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Industry standard for inductors). | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (e.g., Cyntec, Link-PP, or Bourns equivalents), the general specs for an 880nH (0.88µH) 4040-sized inductor are as follows: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance** | 0.88 | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | ~5.0 - 10.0 | mΩ (Max) | | **Saturation Current (Isat)** | 8.0 - 12.0 | Amperes | | **Heat Rating Current (Irms)** | 6.0 - 10.0 | Amperes | | **Operating Temp** | -40 to +125 | °C | --- ### 3. Key Features * **Shielded Construction:** Magnetic shielding reduces EMI (Electromagnetic Interference), making it suitable for high-density PCB layouts. * **High Current Density:** Designed to handle large current spikes without core saturation. * **Low DCR:** Minimizes power loss as heat, increasing the overall efficiency of the power circuit. * **SMD Design:** Compatible with automated pick-and-place assembly and lead-free reflow soldering. --- ### 4. Typical Applications The LP4040R-R88M is primarily used in power management stages where space is limited but power requirements are high: 1. **Voltage Regulator Modules (VRM):** Used in laptops and desktops for CPU/GPU power. 2. **DC-DC Converters:** Buck, Boost, or Buck-Boost topologies. 3. **Portable Electronics:** Smartphones, tablets, and handheld devices. 4. **Automotive Infotainment:** Powering onboard sensors and display units. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the LP4040R-R88M?
    • ⤷ How does the 'R88' inductance value specifically affect the ripple current in a buck converter?
    • ⤷ What is the recommended solder land pattern for a 4040-sized inductor?