データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LP404R-R88M

  • AI
    The **LP404R-R88M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. It is designed to handle high current while maintaining a compact footprint. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Below are the primary electronic characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.88 µH | | **Tolerance** | ±20% (indicated by 'M') | | **DCR (Direct Current Resistance)** | Typically very low (mΩ range) to minimize heat loss | | **Saturation Current (Isat)** | High (designed to prevent core saturation at peak loads) | | **Package Size** | 4.0 x 4.0 mm (approximate, based on the '404' series) | | **Shielding** | Magnetic shielding (reduces EMI) | --- ### 2. Key Internal Components The LP404R-R88M is composed of three primary electronic elements: 1. **Composite Core:** Usually made of a metal alloy powder. This material allows for higher saturation currents compared to traditional ferrite cores and performs better under high temperature. 2. **Copper Coil:** A flat or round copper wire wound inside the core. The thickness of this wire determines the **DCR** and the maximum current the part can handle without melting. 3. **Lead Frame/Terminals:** Solderable pads located on the bottom of the component for surface mount technology (SMT) assembly. --- ### 3. Applications This specific inductor is typically found in the following electronic circuits: * **Voltage Regulator Modules (VRM):** Used in laptops and servers to step down voltage for CPUs. * **DC-DC Converters:** Buck, Boost, or Buck-Boost topologies. * **Portable Electronics:** Smartphones and tablets where board space is limited but power efficiency is critical. * **LED Drivers:** Providing stable current to high-brightness LEDs. --- ### 4. Advantages * **Low Profile:** The "LP" often stands for "Low Profile," making it ideal for thin electronic devices. * **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply, this alloy-core inductor loses inductance gradually as current increases. * **Efficiency:** The low DCR ensures that energy is not wasted as heat, extending battery life in portable devices.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LP404R-R88M?
    • ⤷ How does 'soft saturation' improve circuit stability compared to ferrite cores?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?