データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LP5035R-R33M

  • AI
    The **LP5035R-R33M** is a high-current, low-profile power inductor typically used in DC-DC converters and power management modules. It is part of a series designed for high-density electronic assemblies where space and efficiency are critical. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | The nominal inductance value. | | **Tolerance** | ±20% (M) | The allowable variance in inductance. | | **DC Resistance (DCR)** | ~1.5 - 2.5 mΩ | Low resistance to minimize power loss. | | **Isat (Saturation Current)** | ~25A - 35A | Current level where inductance drops by 30%. | | **Irms (Heating Current)** | ~15A - 22A | Current causing a 40°C temperature rise. | | **Dimensions** | 5.0 x 5.0 x 3.5 mm | Physical footprint (Length x Width x Height). | --- ### 2. Core Features and Construction * **Magnetic Shielding:** The inductor is typically shielded (often using a metal alloy powder molding), which reduces Electromagnetic Interference (EMI) and protects nearby sensitive components. * **High Saturation:** Designed to handle high peak currents without the magnetic core "saturating," which maintains stable performance during power spikes. * **Low DCR:** By using flat wire or optimized copper windings, the part minimizes "I²R" losses (heat), leading to higher overall energy efficiency in the power circuit. * **AEC-Q200 Compliance:** Many versions of this series are automotive-grade, meaning they are tested for high-vibration and high-temperature environments. --- ### 3. Applications The LP5035R-R33M is commonly found in the following electronic circuits: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery for laptops and servers. 2. **Point of Load (POL) Converters:** High-efficiency buck converters that step down voltage for specific ICs. 3. **Battery Powered Devices:** Due to its compact size and efficiency, it is ideal for tablets and handheld industrial tools. 4. **Automotive Infotainment:** Powering displays and processing units in vehicles. --- ### 4. Layout Recommendations When integrating this part into a PCB design, follow these guidelines: * **Minimize Trace Length:** Keep the connection between the inductor and the switching controller as short as possible to reduce EMI. * **Thermal Vias:** Place copper pours under the component pads to help dissipate heat into the internal PCB layers. * **Keep-out Zones:** Avoid running high-speed signal lines directly under the inductor to prevent inductive coupling/noise interference.
    ✨ Follow-up Questions
    • ⤷What is the difference between Isat and Irms for this specific inductor?
    • ⤷ Can I substitute this with a ferrite core inductor of the same value?
    • ⤷ What are the recommended soldering profiles for the LP5035 series?