データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LP5050R-R45M

  • AI
    The **LP5050R-R45M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It is designed to handle significant current while maintaining a compact footprint. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (often associated with brands like Link-PP or similar magnetic component specialists). | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.45 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Footprint / Size** | 5.0mm x 5.0mm (approximate) | | **DCR (Direct Current Resistance)** | Very Low (typically < 5 mΩ) | | **Current Rating (Isat)** | High (often 10A - 20A range) | | **Construction** | Shielded, Metal Alloy / Ferrite | --- ### 2. Key Components & Materials * **Core Material:** Usually made of a metal alloy powder or high-permeability ferrite. Metal alloy cores are preferred for high-current applications because they offer "soft saturation" characteristics, preventing a sudden drop in inductance. * **Winding:** Flat wire or heavy-gauge copper wire is used inside to minimize DC resistance (DCR), which reduces heat generation and improves efficiency. * **Shielding:** The component is magnetically shielded to reduce Electromagnetic Interference (EMI), preventing the inductor's magnetic field from affecting nearby sensitive components on the PCB. --- ### 3. Application Use Cases The LP5050R-R45M is typically found in the following electronic stages: 1. **Voltage Regulator Modules (VRM):** Used in motherboards and servers to step down voltage for CPUs/GPUs. 2. **Point of Load (POL) Converters:** Essential for distributed power architectures where local voltage regulation is needed. 3. **Battery Powered Devices:** Due to its high efficiency and low DCR, it helps extend battery life in portable electronics. 4. **Automotive Electronics:** Used in infotainment systems or ADAS sensors where space is limited but power demands are high. --- ### 4. Advantages & Trade-offs * **Pros:** * **High Power Density:** Large current handling in a small 5x5mm package. * **Low Noise:** Shielded design ensures low EMI. * **Stability:** Low temperature rise even under heavy load. * **Cons:** * **Cost:** Metal alloy inductors are generally more expensive than standard unshielded ferrite inductors. * **Saturation Limits:** Must be carefully matched to the peak current of the circuit to avoid saturation.
    ✨ Follow-up Questions
    • ⤷What is the difference between soft saturation and hard saturation in power inductors?
    • ⤷ How does the DCR of this part affect the overall efficiency of a buck converter?
    • ⤷ Are there automotive-grade equivalents for the LP5050 series?