データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPB-R0112051S

  • AI
    The **LPB-R0112051S** is a specialized power management or lithium-ion battery protection module, commonly utilized in portable electronic devices. These modules are designed to manage the charging/discharging cycles and ensure the safety of the battery cell. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Liton* or generic OEM battery protection boards), the part number typically follows this convention: | Feature | Specification (Typical) | | :--- | :--- | | **Nominal Voltage** | 3.7V - 3.8V (Standard Li-ion/Li-Po) | | **Max Charge Voltage** | 4.2V ± 0.05V | | **Over-discharge Cut-off** | 2.4V - 3.0V | | **Over-current Protection** | Varies (typically 1A - 3A for small cells) | | **Interface** | Solder pads (B+, B-) and Output leads (P+, P-) | --- ### 2. Core Electronic Components A module like the LPB-R0112051S consists of several surface-mount device (SMD) components integrated onto a small PCB: 1. **Protection IC**: The "brain" of the module. It monitors the voltage across the battery terminals. If the voltage exceeds or drops below safe thresholds, it sends a signal to the MOSFETs. 2. **Dual MOSFETs**: Usually found in a single 8-pin package (like the FS8205A). These act as high-speed electronic switches to connect or disconnect the battery from the load/charger. 3. **Current Sensing Resistors**: Precision low-resistance resistors used to detect over-current or short-circuit conditions. 4. **Passive Components**: Miniature capacitors and resistors used for timing delays and noise filtering to prevent false triggering of protection limits. --- ### 3. Critical Functions The electronic design of this part serves four primary safety purposes: * **Overcharge Protection**: Prevents the battery from reaching a voltage that could cause thermal runaway or fire. * **Over-discharge Protection**: Stops the battery from draining to a level that would permanently damage its chemistry. * **Short-circuit Protection**: Instantly cuts the circuit if a direct short is detected between the output terminals. * **Over-current Protection**: Limits the amount of current drawn during high-load scenarios to prevent overheating. --- ### 4. Typical Application Circuit ```cpp // Logic Flow of the Protection Module If (Cell_Voltage > 4.25V) { Open_Charge_MOSFET(); // Stop Charging } Else if (Cell_Voltage < 2.5V) { Open_Discharge_MOSFET(); // Stop Power Output } Else { Maintain_Normal_Operation(); } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the LPB-R0112051S PCB?
    • ⤷ How do I wire this module to a standard 18650 lithium battery?
    • ⤷ What is the maximum continuous discharge current for this specific part number?