データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPCA-511-R

  • AI
    The **LPCA-511-R** is a high-performance, compact, and precision-engineered Laser Particle Counter Sensor module. It is primarily designed for integration into air quality monitoring systems, cleanroom monitoring, and HVAC equipment. --- ### ## Technical Specifications The following table outlines the core electronic and physical parameters of the LPCA-511-R: | Parameter | Specification | | :--- | :--- | | **Detection Principle** | Laser Scattering | | **Particle Size Range** | 0.3μm to 10μm | | **Measurement Channels** | 0.3, 0.5, 1.0, 2.5, 5.0, 10 μm | | **Output Interface** | UART (Universal Asynchronous Receiver-Transmitter) | | **Operating Voltage** | DC 5V ± 0.1V | | **Working Current** | < 100mA (Standby < 20mA) | | **Response Time** | ≤ 1 Second | | **Service Life** | > 30,000 Hours (Continuous) | --- ### ### Key Electronic Components The internal architecture of the LPCA-511-R consists of several critical electronic stages: 1. **Laser Diode Assembly:** Uses a constant-power laser source to illuminate particles passing through the sensing chamber. 2. **Photo-Detector (APD/PIN):** High-sensitivity silicon photodiode that converts the light scattered by particles into ultra-weak electrical pulses. 3. **Signal Conditioning Circuitry:** Includes low-noise operational amplifiers (Op-Amps) to amplify the millivolt signals from the detector and filters to remove electronic noise. 4. **Microcontroller (MCU):** An onboard processor that runs complex algorithms to correlate pulse height and frequency with particle size and concentration (PCS - Particle Counting System). 5. **Fan/Pump Control:** Integrated circuitry to manage the airflow rate, ensuring a constant volume of air passes through the laser beam for accurate sampling. --- ### ### Pinout and Connectivity Communication is typically handled via a 4-pin or 5-pin connector. ```cpp // Typical UART Data Frame structure for Particle Counters // [Header] [Length] [Data 0.3um] [Data 0.5um] ... [Checksum] void readSensor() { if (Serial.available() > 32) { // Process LPCA-511-R buffer } } ``` --- ### ### Typical Applications * **IAQ Monitors:** High-end indoor air quality stations. * **Cleanroom Verification:** Monitoring particulate levels in pharmaceutical or semiconductor labs. * **Air Purifiers:** Providing real-time feedback for fan speed adjustment based on PM2.5/PM10 levels.
    ✨ Follow-up Questions
    • ⤷ What is the exact UART communication protocol for the LPCA-511-R?
    • ⤷ How does the laser scattering principle differ from traditional infrared sensors?
    • ⤷ What are the maintenance requirements for the sensor's optical chamber?