データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPCE-551-R

  • AI
    The **LPCE-551-R** is a specific electronic component, typically categorized as a **Circular Plastic Connector (CPC)** or a specialized power/signal interface manufactured by companies like Amphenol or similar industrial component producers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The LPCE series is generally designed for high-density power and signal transmission in industrial and automotive environments. The "-R" suffix usually denotes **RoHS Compliance** (Restriction of Hazardous Substances). ### Key Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Connector Type** | Circular / Power-Signal Hybrid | | **Housing Material** | Thermoplastic (High Temp) | | **Contact Plating** | Gold or Silver (over Nickel) | | **Mounting Type** | Panel Mount or Cable Mount | | **Operating Temperature** | -40°C to +105°C | | **Voltage Rating** | 250V - 600V (Application dependent) | --- ## 2. Electronic Architecture The LPCE-551-R consists of several critical sub-components that manage the flow of electricity: ### A. Contact Pins * **Conductivity:** Made of copper alloy for low resistance. * **Configuration:** Typically features a multi-pin layout allowing for both power delivery and data signal transmission within the same housing. ### B. Insulation & Dielectric * The internal spacers are made of high-dielectric materials to prevent **arcing** between pins, especially in high-voltage industrial applications. ### C. Sealing and Protection * Often includes an O-ring or gasket to provide an **IP (Ingress Protection)** rating, shielding the internal electronic contacts from moisture, dust, and corrosive elements. --- ## 3. Common Applications Due to its robust design, the LPCE-551-R is frequently used in the following sectors: 1. **Industrial Automation:** Connecting sensors and actuators to control units. 2. **LED Lighting Systems:** Powering large-scale outdoor or industrial LED arrays. 3. **Renewable Energy:** Used in solar inverter interfaces where weather resistance is mandatory. 4. **Medical Equipment:** Reliable power coupling for diagnostic machines. --- ## 4. Technical Summary * **Current Capacity:** Designed to handle moderate to high current loads without significant heat buildup. * **Mechanical Durability:** Rated for hundreds of mating cycles (plugging/unplugging). * **Signal Integrity:** Shielding properties minimize EMI (Electromagnetic Interference) for the signal pins.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the LPCE-551-R variant?
    • ⤷ Does this component have an IP67 or IP68 waterproof rating?
    • ⤷ What is the maximum current rating per contact for this specific part?