データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPD-12M4-R

  • AI
    ## Overview of LPD-12M4-R The **LPD-12M4-R** is a high-performance **Power Divider/Splitter** component typically used in RF (Radio Frequency) and microwave applications. It is designed to split an input signal into multiple output paths (in this case, 4 paths) with minimal loss and high isolation. --- ### Technical Specifications The following table outlines the primary electronic characteristics of the LPD-12M4-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | 4-Way Power Divider | | **Frequency Range** | 2.0 GHz to 12.4 GHz | | **Insertion Loss** | ≤ 1.2 dB (Above 6dB theoretical) | | **Isolation** | ≥ 18 dB | | **VSWR (Input/Output)** | 1.45:1 / 1.35:1 | | **Phase Balance** | ± 5° | | **Amplitude Balance** | ± 0.4 dB | | **Power Handling** | 30 Watts (Forward) / 2 Watts (Reverse) | | **Impedance** | 50 Ohms | | **Connector Type** | SMA-Female | --- ### Core Electronic Functions #### 1. Signal Splitting (4-Way) The device takes a single RF input and distributes the power equally across four output ports. Because it is a 4-way splitter, the theoretical power reduction per port is **6 dB** (plus the actual insertion loss of the device). #### 2. Isolation One of the critical electronic features of this part is its ability to prevent signals from one output port from leaking into another output port. High isolation (18 dB+) ensures that components connected to the outputs do not interfere with each other. #### 3. Impedance Matching The LPD-12M4-R is engineered to maintain a strict **50 Ohm characteristic impedance**. This minimizes reflections (measured as VSWR), which is vital for preventing damage to sensitive RF transmitters and maintaining signal integrity. --- ### Common Applications * **Radar Systems:** Distributing local oscillator signals. * **Test and Measurement:** Routing a single signal source to multiple pieces of test equipment. * **Communication Base Stations:** Dividing signals for multiple antenna arrays. * **Electronic Warfare (EW):** Distributing wideband signals for jamming or monitoring. --- ### Physical & Environmental Features * **Housing:** Typically constructed with aluminum or stainless steel with gold or nickel plating for high conductivity and environmental resistance. * **Operating Temperature:** Generally rated for **-55°C to +85°C**, making it suitable for aerospace and military environments. * **RoHS Compliance:** The "-R" suffix usually indicates that the part is **RoHS Compliant**, meaning it is manufactured without hazardous substances like lead.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 6dB theoretical loss in a 4-way power divider?
    • ⤷ How does the VSWR rating affect the performance of the LPD-12M4-R in a circuit?
    • ⤷ Can this component be used as a power combiner instead of a splitter?